Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6590
Description  FULLY INTEGRATED POWER SUPPLY FIPS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6590 Datasheet HTML 11Page - STMicroelectronics L6590 Datasheet HTML 12Page - STMicroelectronics L6590 Datasheet HTML 13Page - STMicroelectronics L6590 Datasheet HTML 14Page - STMicroelectronics L6590 Datasheet HTML 15Page - STMicroelectronics L6590 Datasheet HTML 16Page - STMicroelectronics L6590 Datasheet HTML 17Page - STMicroelectronics L6590 Datasheet HTML 18Page - STMicroelectronics L6590 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
L6590
Figure 33. PWM Control internal schematic
Oscillator and PWM Control
PWM regulation is accomplished by implementing voltage mode control. As shown in fig. 33, this block includes
an oscillator, a PWM comparator, a PWM latch and an Error Amplifier.
The oscillator operates at a frequency internally fixed at 65 kHz with a precision of ± 10 %. The maximum duty
cycle is limited at 70% typ.
The PWM latch (reset dominant) is set by the clock pulses of the oscillator and is reset by either the PWM com-
parator or the Overcurrent comparator.
The Error Amplifier (E/A) is an op-amp with a MOS input stage and a class AB output stage. The amplifier is
compensated for closed loop stability at unity gain, has a small-signal DC gain of 70 dB (typ.) and a gain-band-
width product over 1 MHz.
In case of overcurrent the error amplifier output saturates high and the conduction of the power MOSFET is
stopped by the OCP comparator instead of the PWM comparator.
Under zero load conditions the error amplifier is close to its low saturation and the gate drive delivers as short
pulses as it can, limited by internal delays. They are however too long to maintain the long-term energy balance,
thus from time to time some cycles need being skipped and the operation becomes asynchronous. This is au-
tomatically done by the control loop.
Standby Function
The standby function, optimized for flyback topology, automatically detects a light load condition for the convert-
er and decreases the oscillator frequency. The normal oscillation frequency is automatically resumed when the
output load builds up and exceeds a defined threshold.
This function allows to minimize power losses related to switching frequency, which represent the majority of losses
in a lightly loaded flyback, without giving up the advantages of a higher switching frequency at heavy load.
The Standby function is realized by monitoring the peak current in the power switch. If the load is low that it does
not reach a threshold (80 mA typ.), the oscillator frequency will be set at 22 kHz typ.
When the load demands more power and the peak primary current exceeds a second threshold (190 mA typ.)
the oscillator frequency is reset at 65 kHz. This 110 mA hysteresis prevents undesired frequency change when
power is such that the peak current is close to either threshold.
The signal coming from the sense circuit is digitally filtered to avoid false triggering of this function as a result of
large load changes or noise.
Clock
+
-
from OCP
comparator
COMP
S
R
Q
Max. Duty cycle
OSCILLATOR
+
-
to gate
driver
E/A
VFB
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com