Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02IC Datasheet(PDF) 20 Page - Microchip Technology

Part # WILCS02IC
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02IC Datasheet(HTML) 20 Page - Microchip Technology

Back Button WILCS02IC Datasheet HTML 16Page - Microchip Technology WILCS02IC Datasheet HTML 17Page - Microchip Technology WILCS02IC Datasheet HTML 18Page - Microchip Technology WILCS02IC Datasheet HTML 19Page - Microchip Technology WILCS02IC Datasheet HTML 20Page - Microchip Technology WILCS02IC Datasheet HTML 21Page - Microchip Technology WILCS02IC Datasheet HTML 22Page - Microchip Technology WILCS02IC Datasheet HTML 23Page - Microchip Technology WILCS02IC Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 20
Figure 2-12. Example of Host Board on Top Layer
Host Board Outline
Module Outline
Copper Keepout
Copper Keepout
Module Footprint
Exposed GND Pad
Underneath Module
GND Plane on Host Board
2.6
WILCS02 Module RF Considerations
The overall performance of the system is significantly affected by the product design, environment
and application. The product designer must ensure system-level shielding (if required) and verify the
performance of the product features and applications.
Consider the following guidelines for optimal RF performance:
• The WILCS02 Module must be positioned in a noise-free RF environment and must be kept far
away from high-frequency clock signals and any other sources of RF energy.
• The antenna must not be shielded by any metal objects.
• The power supply must be clean and noise-free.
• Make sure that the width of the traces routed to GND, VDD rails are sufficiently large for handling
peak TX current consumption.
Note: The WILCS02 Module includes RF shielding on top of the board as a standard feature.
2.7
WILCS02 Module Antenna Considerations
2.7.1
PCB Antenna
For the WILCS02PE Module, the PCB antenna is fabricated on the top copper layer. The layers below
the antenna do not have a copper trace. It is recommended that the module be mounted on the
edge of the host board and to have no PCB material below the antenna structure of the module and
no copper traces or planes on the host board in that area.
The following table lists the technical specification of the PCB antenna when tested with the
WILCS02 Module mounted on the WILCS02 Wi-Fi® Link Controller SD Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com