Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02IC Datasheet(PDF) 33 Page - Microchip Technology

Part # WILCS02IC
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02IC Datasheet(HTML) 33 Page - Microchip Technology

Back Button WILCS02IC Datasheet HTML 29Page - Microchip Technology WILCS02IC Datasheet HTML 30Page - Microchip Technology WILCS02IC Datasheet HTML 31Page - Microchip Technology WILCS02IC Datasheet HTML 32Page - Microchip Technology WILCS02IC Datasheet HTML 33Page - Microchip Technology WILCS02IC Datasheet HTML 34Page - Microchip Technology WILCS02IC Datasheet HTML 35Page - Microchip Technology WILCS02IC Datasheet HTML 36Page - Microchip Technology WILCS02IC Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 33
Table 3-9. SDIO Controller AC Timing Specifications (continued)
AC Characteristics
Standard Operating Conditions: VDD = VDDIO = 3.0V to 3.6V (unless
otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No. Symbol
Characteristics
Min.
Typ
Max.
Units Conditions(1)
Notes: 
1. All output pins with 15 pF load
2. The maximum clock frequency specified is limited by the SDIO Host interface internal design; actual maximum clock
frequency can be lower and depends on the specific PCB layout.
3.1.5.3 Power-on Reset AC Electrical Specifications
Table 3-10. Power on Reset AC Electrical Specifications
AC Characteristics
Standard Operating Conditions: VDD = VDDIO =
3.0V to 3.6V (unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
Param. No. Symbol
Characteristics
Min. Typ. Max.
Units
Conditions
DC_11
VPOR
VDD start voltage to ensure internal POR signal
1.45 —
1.65
V
DC_12
SVDD
VDD rise rate to ensure internal POR signal
0.03 —
0.115
V/ms
0-3.0V in 0.1s
DC_13
T(nRST)
External Reset valid active pulse width
3
us
3.1.6
WILCS02IC Radio Specifications
Table 3-11. WILCS02IC Radio Specifications
Feature
Description
WLAN standards
IEEE® 802.11b, IEEE 802.11g and IEEE 802.11n
Frequency range
2.412 GHz ~ 2.472 GHz (2400 ~ 2483.5 MHz ISM band)
Number of channels
11 for North America and 13 for Europe and Japan
3.1.6.1 WILCS02IC Receiver Performance
Table 3-12. WILCS02IC Receiver Performance Characteristics(1)
RF Characteristics
Standard Operating Conditions:
VDD=VDDIO= 3.0V to 3.6V (unless
otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No. Characteristics
Description(5)
Min.
Typ
Max.
Units
WF_RX_1
Frequency
2412
2472
MHz
WF_RX_2
Sensitivity 802.11b
1 Mbps DSSS
-97
dBm
2 Mbps DSSS
-94
5.5 Mbps CCK
-93
11 Mbps CCK(6)
-89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com