Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02IC Datasheet(PDF) 59 Page - Microchip Technology

Part # WILCS02IC
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02IC Datasheet(HTML) 59 Page - Microchip Technology

Back Button WILCS02IC Datasheet HTML 55Page - Microchip Technology WILCS02IC Datasheet HTML 56Page - Microchip Technology WILCS02IC Datasheet HTML 57Page - Microchip Technology WILCS02IC Datasheet HTML 58Page - Microchip Technology WILCS02IC Datasheet HTML 59Page - Microchip Technology WILCS02IC Datasheet HTML 60Page - Microchip Technology WILCS02IC Datasheet HTML 61Page - Microchip Technology WILCS02IC Datasheet HTML 62Page - Microchip Technology WILCS02IC Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
WILCS02IC and WILCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 59
5.
Appendix A: Regulatory Approval
The WILCS02PE module has received regulatory approval for the following countries:
• United States/FCC ID: 2ADHKWIXCS02
• Canada/ISED:
– IC: 20266-WIXCS02
– HVIN: WILCS02PE
– PMN:Wireless MCU Module with IEEE®802.11 b/g/n
• Europe/CE
• Great Britain/UKCA
• Japan/MIC: 020-240380
• Korea/KCC: R-R-mcp-WIXCS02
• Taiwan/NCC: CCAN24Y11104T0
The WILCS02UE module has received regulatory approval for the following countries:
• United States/FCC ID: 2ADHKWIXCS02U
• Canada/ISED:
– IC: 20266-WIXCS02U
– HVIN: WILCS02UE
– PMN:Wireless MCU Module with IEEE®802.11 b/g/n
• Europe/CE
• Great Britain/UKCA
• Japan/MIC: 020-240380
• Korea/KCC: R-R-mcp-WIXCS02
• Taiwan/NCC: CCAN24Y11114T3
5.1
United States
The WILCS02PE/WILCS02UE modules have received Federal Communications Commission (FCC)
CFR47 Telecommunications, Part 15 Subpart C “Intentional Radiators” single-modular approval in
accordance with Part 15.212 Modular Transmitter approval. Single-modular transmitter approval
is defined as a complete RF transmission sub-assembly, designed to be incorporated into another
device, that must demonstrate compliance with FCC rules and policies independent of any host. A
transmitter with a modular grant can be installed in different end-use products (referred to as a
host, host product or host device) by the grantee or other equipment manufacturer, then the host
product may not require additional testing or equipment authorization for the transmitter function
provided by that specific module or limited module device.
The user must comply with all of the instructions provided by the Grantee, which indicate
installation and/or operating conditions necessary for compliance.
A host product itself is required to comply with all other applicable FCC equipment authorization
regulations, requirements, and equipment functions that are not associated with the transmitter
module portion. For example, compliance must be demonstrated: to regulations for other
transmitter components within a host product; to requirements for unintentional radiators (Part
15 Subpart B), such as digital devices, computer peripherals, radio receivers, etc.; and to additional
authorization requirements for the non-transmitter functions on the transmitter module (i.e.,
Suppliers Declaration of Conformity (SDoC) or certification) as appropriate (e.g., Bluetooth and Wi-Fi
transmitter modules may also contain digital logic functions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com