Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02IC Datasheet(PDF) 10 Page - Microchip Technology

Part # WILCS02IC
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02IC Datasheet(HTML) 10 Page - Microchip Technology

Back Button WILCS02IC Datasheet HTML 6Page - Microchip Technology WILCS02IC Datasheet HTML 7Page - Microchip Technology WILCS02IC Datasheet HTML 8Page - Microchip Technology WILCS02IC Datasheet HTML 9Page - Microchip Technology WILCS02IC Datasheet HTML 10Page - Microchip Technology WILCS02IC Datasheet HTML 11Page - Microchip Technology WILCS02IC Datasheet HTML 12Page - Microchip Technology WILCS02IC Datasheet HTML 13Page - Microchip Technology WILCS02IC Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 10
Table 2-1. WILCS02IC Pinout Table (continued)
Pin Number
Pin Name
Pin Type
Description
26
RXR_LNA1_VDD15
P
1.5V input supply voltage to LNA stage-1
Connect to 1.5V on-chip PMU output
27
TRS_RF
I/O
RF transmit/receive
28
TXR_HPA_VDD33
P
Input power supply to High-Power Amplifier (HPA) on the
Transmitter (3.0-3.6V, 3.3V typical)
29
TXR_HPA_VDD33
P
30
TXR_PPA_VDD33
P
Input power supply to Pre-Power Amplifier (PPA) on the
Transmitter (3.0-3.6V, 3.3V typical)
31
TXR_UMX_VDD15
P
1.5V input supply voltage to RF Upconvertor Mixer/TXR
Connect to 1.5V on-chip PMU output
32
BB_VDD15
P
1.5V input supply voltage to RF Base Band section
Connect to 1.5V on-chip PMU output
33
MSB_EXTRA_48K
O
Connect a pull-down resistor of 48.7K with 1% tolerance, to
create a constant current reference for internal analog/RF
blocks
34
DFU_RX/STRAP1
I
Device Firmware Update, receive signal
Host interface configuration strapping1 pin. Connect to a
pulled-low resistor of 100K for the SDIO interface or pulled-
high resistor of 10K for the SPI.
35
DFU_TX/STRAP2
O
Device Firmware Update, transmit signal
I
Host interface configuration strapping2 pin. Connect to a
pulled-high resistor of 10K for future upgrades.
36
MCLR
I
Master Clear Reset Input (Active low)
37
AVDD
P
Input power supply to Analog Block (3.0-3.6V, 3.3V typical)
38
Reserved(6)
I/O
Reserved pin
Connect to an I/O pin (tri-stated) of a host device or to an
external switch for future use.
39
RTCC_OSC_OUT(4)
O
32.768 KHz RTCC oscillator output
40
RTCC_OSC_IN/
PTA_BT_ACTIVE(3)(4)
I
32.768 KHz RTCC Oscillator input
PTA interface, Bluetooth® Coexistence device active
indication input to WILCS02IC
41
VDD33
P
Input supply voltage for the Main Power Domain (3.0-3.6V,
3.3V typical)
42
PTA_BT_PRIO
I
PTA interface, Bluetooth Coexistence device priority
indication input to WILCS02IC.
43
PTA_WLAN_ACTIVE
O
PTA interface, WILCS02IC WLAN active indication output to
Bluetooth Coexistence device
44
Reserved
I/O
Reserved pin
Do not connect.
45
VDD33
P
Input supply voltage for the Main Power Domain (3.0-3.6V,
3.3V typical)
46
PMU_MLDO_OUT(2)
P
1.5V output of on-chip PMU MLDO
47
PMU_VDDP
P
Input power supply to the on-chip PMU (3.0-3.6V, 3.3V typical)
48
PMU_BK_LX
P
1.5V output of on-chip PMU Buck Regulator
Connect to an external LC filter (L = 4.7 uH and C = 10 uF)
49
GND
P
Thermal ground paddle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com