Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02IC Datasheet(PDF) 42 Page - Microchip Technology

Part # WILCS02IC
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02IC Datasheet(HTML) 42 Page - Microchip Technology

Back Button WILCS02IC Datasheet HTML 38Page - Microchip Technology WILCS02IC Datasheet HTML 39Page - Microchip Technology WILCS02IC Datasheet HTML 40Page - Microchip Technology WILCS02IC Datasheet HTML 41Page - Microchip Technology WILCS02IC Datasheet HTML 42Page - Microchip Technology WILCS02IC Datasheet HTML 43Page - Microchip Technology WILCS02IC Datasheet HTML 44Page - Microchip Technology WILCS02IC Datasheet HTML 45Page - Microchip Technology WILCS02IC Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 42
3.2.3
WILCS02 Module AC and DC Characteristics
For WILCS02 Module AC and DC Electrical Characteristics, refer to WILCS02IC Electrical
Specifications.
3.2.3.1 Wi-Fi® Current Consumption
Table 3-17. Wi-Fi® Current Consumption DC Electrical Specifications
DC Characteristics(1)(2)
Standard Operating Conditions: VDD=VDDIO= 3.0V to 3.6V
(unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
Param.
No.
Symbol Device States
Code Rate
Output
Power
(Typ.)
(dBm)
Current
(Typ.) (mA)(2)
Max.
Units Conditions
IWF_TX
IDD
On_Transmit
802.11b 1 Mbps(4)
19
304
mA
VDD = VDDIO = 3.3V
802.11b 1 Mbps(4)
13
270
802.11b 11 Mbps(3)
20
311
802.11g 6 Mbps(4)
19
310
802.11g 54 Mbps(3)
17
274
802.11n MCS0(4)
18
300
802.11n MCS7(3)
17
273
802.11n MCS7(4)
11
252
IWF_RX
IDD
On_Receive
802.11b 1 Mbps(4)
92
802.11n MCS7(3)
98
Notes: 
1. Tested on channel 7 using an internal test firmware that provides manual control of data rate. In the Application mode
firmware, the data rate is selected automatically based on the RSSI and other variables.
2. Data in the “Typ.” column is at 3.3V, 25°C unless otherwise stated.
3. These parameters are tested in manufacturing.
4. These parameters are characterized but not tested in manufacturing.
3.2.4
WILCS02 Module Radio Specifications
Table 3-18. WILCS02 Module Radio Specifications
Feature
Description
WLAN standards
IEEE® 802.11b, IEEE 802.11g, and IEEE 802.11n
Frequency range
2.412 GHz ~ 2.472 GHz (2400 ~ 2483.5 MHz ISM band)
Number of channels
11 for North America and 13 for Europe and Japan
3.2.4.1 WILCS02 Module Receiver Performance
Table 3-19. WILCS02 Module Receiver Performance Characteristics(1)
RF Characteristics
Standard Operating Conditions: VDD=VDDIO= 3.0V to
3.6V (unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
Param. No.
Characteristics
Description(5)
Min.
Typ
Max.
Units
WF_RX_1
Frequency
2412
2472
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com