Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02IC Datasheet(PDF) 51 Page - Microchip Technology

Part # WILCS02IC
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02IC Datasheet(HTML) 51 Page - Microchip Technology

Back Button WILCS02IC Datasheet HTML 47Page - Microchip Technology WILCS02IC Datasheet HTML 48Page - Microchip Technology WILCS02IC Datasheet HTML 49Page - Microchip Technology WILCS02IC Datasheet HTML 50Page - Microchip Technology WILCS02IC Datasheet HTML 51Page - Microchip Technology WILCS02IC Datasheet HTML 52Page - Microchip Technology WILCS02IC Datasheet HTML 53Page - Microchip Technology WILCS02IC Datasheet HTML 54Page - Microchip Technology WILCS02IC Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
WILCS02IC and WILCS02 Family
Packaging Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 51
4.
Packaging Information
This chapter provides information on package markings, dimension and footprint of the WILCS02IC
and the WILCS02 Module.
4.1
WILCS02IC Packaging Information
For the most current package drawings, see the Microchip Packaging Specification available at
www.microchip.com/en-us/support/package-drawings.
4.1.1
WILCS02IC Package Marking
Figure 4-1. WILCS02IC Package Marking
48L VQFN 7x7x0.9 mm
Example
Legend: XX...X Customer-specific informa�on
Year code (last digit of calendar year)
YY Year code (last 2 digits of calendar year)
WW Week code (week of January 1 is week '01')
NNN Alphanumeric traceability code
Pb-free JEDEC designator for Ma�e Tin (Sn)
This package is Pb-free. The Pb-free JEDEC designator
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limi�ng the number of available
characters for customer-specific informa�on.
4.1.2
WILCS02IC Packaging Dimension
This section provides the package dimension details of WILCS02IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com