Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02IC Datasheet(PDF) 5 Page - Microchip Technology

Part # WILCS02IC
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02IC Datasheet(HTML) 5 Page - Microchip Technology

  WILCS02IC Datasheet HTML 1Page - Microchip Technology WILCS02IC Datasheet HTML 2Page - Microchip Technology WILCS02IC Datasheet HTML 3Page - Microchip Technology WILCS02IC Datasheet HTML 4Page - Microchip Technology WILCS02IC Datasheet HTML 5Page - Microchip Technology WILCS02IC Datasheet HTML 6Page - Microchip Technology WILCS02IC Datasheet HTML 7Page - Microchip Technology WILCS02IC Datasheet HTML 8Page - Microchip Technology WILCS02IC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
WILCS02IC and WILCS02 Family
Ordering Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 5
1.
Ordering Information
This chapter provides the ordering information of the WILCS02IC and the WILCS02 Modules.
1.1
WILCS02IC Ordering Information
This section provides the ordering information of the WILCS02IC.
Table 1-1. WILCS02IC Ordering Details
SoC Name Pin and Package
Description
Ordering Code
WILCS02IC 48-pin VQFN
(7 mm x 7 mm x 0.9 mm)
32-bit Link Controller IC with Wireless Local Area Network (WLAN)
connectivity and hardware-based security accelerator with 2 MB
stacked Flash
WILCS02IC-I/ZZX
WILCS02ICT-I/ZZX
WILCS02IC-V/ZZX
WILCS02ICT-V/ZZX
The following figure illustrates the details of the WILCS02IC ordering information.
Figure 1-1. WILCS02IC Ordering Information
WI
LC
S
02
Flash Memory Size
Link Controller
Wi-Fi®
Chip
IC
I/V
/ZZX
Stacked Flash
Temperature Range
I = Industrial (-40°C to 85°C)
Package Code
Packing
T
-
02 = 2 MB Flash
T = Tape & Reel
(1)
V = Various (-40°C to 105°C)
Notes: 
1. By default, the WILCS02IC comes with Tray packing
2. The WILCS02IC must be programmed with the appropriate Link Controller firmware version to
meet the specification described in the data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com