Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6037726 Datasheet(PDF) 2 Page - SICK AG

Part # 6037726
Description  INCREMENTAL ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037726 Datasheet(HTML) 2 Page - SICK AG

  6037726 Datasheet HTML 1Page - SICK AG 6037726 Datasheet HTML 2Page - SICK AG 6037726 Datasheet HTML 3Page - SICK AG 6037726 Datasheet HTML 4Page - SICK AG 6037726 Datasheet HTML 5Page - SICK AG 6037726 Datasheet HTML 6Page - SICK AG 6037726 Datasheet HTML 7Page - SICK AG 6037726 Datasheet HTML 8Page - SICK AG 6037726 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DFS60A-BEPC65536 | DFS60
INCREMENTAL ENCODERS
Illustration may differ
Ordering information
Type
Part no.
DFS60A-BEPC65536
1036816
Other models and accessories
www.sick.com/DFS60
Detailed technical data
Performance
Pulses per revolution
65,536 1)
Measuring step
90°, electric/pulses per revolution
Measuring step deviation at binary number
of lines
± 0.0015°
Error limits
± 0.03°
1) See maximum revolution range.
Interfaces
Communication interface
Incremental
Communication Interface detail
TTL / HTL
Factory setting
Factory setting: output level TTL
Number of signal channels
6-channel
Programmable/configurable
✔
Initialization time
32 ms 1)
30 ms
Output frequency
≤ 820 kHz
Load current
≤ 30 mA
Power consumption
≤ 0.7 W (without load)
1) With mechanical zero pulse width.
Electrical data
Connection type
Male connector, M12, 8-pin, radial
Supply voltage
4.5 ... 32 V
Reference signal, number
1
Reference signal, position
90°, electric, logically gated with A and B
1) Programming TTL with ≥ 5.5 V: short-circuit opposite to another channel or GND permissable for maximum 30 s.
2) Programming HTL or TTL with < 5.5 V: short-circuit opposite to another channel, US or GND permissable for maximum 30 s.
3) This product is a standard product and does not constitute a safety component as defined in the Machinery Directive. Calculation based on nominal load of com-
ponents, average ambient temperature 40°C, frequency of use 8760 h/a. All electronic failures are considered hazardous. For more information, see document no.
8015532.
2
INCREMENTAL ENCODERS | SICK
Product data sheet | 2023-11-18 22:09:56
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com