Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6037726 Datasheet(PDF) 4 Page - SICK AG

Part # 6037726
Description  INCREMENTAL ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037726 Datasheet(HTML) 4 Page - SICK AG

  6037726 Datasheet HTML 1Page - SICK AG 6037726 Datasheet HTML 2Page - SICK AG 6037726 Datasheet HTML 3Page - SICK AG 6037726 Datasheet HTML 4Page - SICK AG 6037726 Datasheet HTML 5Page - SICK AG 6037726 Datasheet HTML 6Page - SICK AG 6037726 Datasheet HTML 7Page - SICK AG 6037726 Datasheet HTML 8Page - SICK AG 6037726 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DFS60A-BEPC65536 | DFS60
INCREMENTAL ENCODERS
eCl@ss 6.2
27270590
eCl@ss 7.0
27270501
eCl@ss 8.0
27270501
eCl@ss 8.1
27270501
eCl@ss 9.0
27270501
eCl@ss 10.0
27270501
eCl@ss 11.0
27270501
eCl@ss 12.0
27270501
ETIM 5.0
EC001486
ETIM 6.0
EC001486
ETIM 7.0
EC001486
ETIM 8.0
EC001486
UNSPSC 16.0901
41112113
Dimensional drawing (Dimensions in mm (inch))
Blind hollow shaft, radial male connector M12 and M23
45.5 (1.79)
9.4 (0.37)
3.4 (0.13)
2.5 (0.10)
min. 15 (0.59)
max. 42 (1.65)
M12 x 1
7.75
(0.31)
13
(0.51)
M23 x 1
72±0.3 (2.83)
Ø 3.2+0.1 (0.13)
47 (1.85)
Ø 63±0.2 (2.48)
A
General tolerances according to DIN ISO 2768-mk
Type
Blind hollow shaft
Shaft diameter XF7
Shaft diameter xj7
DFS60x-BAxxxxxxxx
6 mm
DFS60x-BBxxxxxxxx
8 mm
Provided by customer
4
INCREMENTAL ENCODERS | SICK
Product data sheet | 2023-11-18 22:09:56
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com