Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6037726 Datasheet(PDF) 3 Page - SICK AG

Part # 6037726
Description  INCREMENTAL ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037726 Datasheet(HTML) 3 Page - SICK AG

  6037726 Datasheet HTML 1Page - SICK AG 6037726 Datasheet HTML 2Page - SICK AG 6037726 Datasheet HTML 3Page - SICK AG 6037726 Datasheet HTML 4Page - SICK AG 6037726 Datasheet HTML 5Page - SICK AG 6037726 Datasheet HTML 6Page - SICK AG 6037726 Datasheet HTML 7Page - SICK AG 6037726 Datasheet HTML 8Page - SICK AG 6037726 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DFS60A-BEPC65536 | DFS60
INCREMENTAL ENCODERS
Reverse polarity protection
✔
Short-circuit protection of the outputs
✔ 1) 2)
MTTFd: mean time to dangerous failure
300 years (EN ISO 13849-1) 3)
1) Programming TTL with ≥ 5.5 V: short-circuit opposite to another channel or GND permissable for maximum 30 s.
2) Programming HTL or TTL with < 5.5 V: short-circuit opposite to another channel, US or GND permissable for maximum 30 s.
3) This product is a standard product and does not constitute a safety component as defined in the Machinery Directive. Calculation based on nominal load of com-
ponents, average ambient temperature 40°C, frequency of use 8760 h/a. All electronic failures are considered hazardous. For more information, see document no.
8015532.
Mechanical data
Mechanical design
Blind hollow shaft
Shaft diameter
12 mm
Weight
+ 0.2 kg
Shaft material
Stainless steel
Flange material
Aluminum
Housing material
Aluminum die cast
Start up torque
0.8 Ncm (+20 °C)
Operating torque
0.6 Ncm (+20 °C)
Permissible movement static
± 0.3 mm (radial)
± 0.5 mm (axial)
Permissible movement dynamic
± 0.05 mm (radial)
± 0.01 mm (axial)
Operating speed
≤ 6,000 
min⁻¹ 1)
Moment of inertia of the rotor
40 gcm²
Bearing lifetime
3.6 x 10^10 revolutions
Angular acceleration
≤ 500,000 rad/s²
1) Allow for self-heating of 3.3 K per 1,000 rpm when designing the operating temperature range.
Ambient data
EMC
According to EN 61000-6-2 and EN 61000-6-3
Enclosure rating
IP67, Housing side, male connector (IEC 60529) 1)
IP65, shaft side (IEC 60529)
Permissible relative humidity
90 % (Condensation not permitted)
Operating temperature range
–40 °C ... +100 °C 2)
–30 °C ... +100 °C 3)
Storage temperature range
–40 °C ... +100 °C, without package
Resistance to shocks
100 g, 6 ms (EN 60068-2-27)
Resistance to vibration
30 g, 10 Hz ... 2,000 Hz (EN 60068-2-6)
1) With mating connector fitted.
2) Stationary position of the cable.
3) Flexible position of the cable.
Classifications
eCl@ss 5.0
27270501
eCl@ss 5.1.4
27270501
eCl@ss 6.0
27270590
2023-11-18 22:09:56 | Product data sheet
Subject to change without notice
INCREMENTAL ENCODERS | SICK
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com