Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6037726 Datasheet(PDF) 6 Page - SICK AG

Part # 6037726
Description  INCREMENTAL ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037726 Datasheet(HTML) 6 Page - SICK AG

  6037726 Datasheet HTML 1Page - SICK AG 6037726 Datasheet HTML 2Page - SICK AG 6037726 Datasheet HTML 3Page - SICK AG 6037726 Datasheet HTML 4Page - SICK AG 6037726 Datasheet HTML 5Page - SICK AG 6037726 Datasheet HTML 6Page - SICK AG 6037726 Datasheet HTML 7Page - SICK AG 6037726 Datasheet HTML 8Page - SICK AG 6037726 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DFS60A-BEPC65536 | DFS60
INCREMENTAL ENCODERS
Diagrams
Mechanical zero pulse width 1° to 359° programmable. Width of the zero pulse in relation to a mechanical revolution of the shaft.
A
B
1°–359°
Z
1 turn
360° mech.
Supply voltage
Output
4,5 V ... 32 V
TTL/HTL programmable
Electrical zero pulse width can be configured to 90°, 180°, or 270°. Width of the zero pulse in relation to a pulse period.
A
B
Z1
Z2
Z3
Z4
90°
elec. gated with
Channel A and B
180°
elec. gated with
Channel B
180°
elec. gated with
Channel A
270°
elec. gated with
Channel A or B
90° el.
360° el.
Measurement step
Cw with view on the encoder shaft in direction "A", compare dimensional drawing.
Supply voltage
Output
4,5 V ... 32 V
TTL/HTL programmable
6
INCREMENTAL ENCODERS | SICK
Product data sheet | 2023-11-18 22:09:56
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com