Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6037726 Datasheet(PDF) 7 Page - SICK AG

Part # 6037726
Description  INCREMENTAL ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037726 Datasheet(HTML) 7 Page - SICK AG

  6037726 Datasheet HTML 1Page - SICK AG 6037726 Datasheet HTML 2Page - SICK AG 6037726 Datasheet HTML 3Page - SICK AG 6037726 Datasheet HTML 4Page - SICK AG 6037726 Datasheet HTML 5Page - SICK AG 6037726 Datasheet HTML 6Page - SICK AG 6037726 Datasheet HTML 7Page - SICK AG 6037726 Datasheet HTML 8Page - SICK AG 6037726 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DFS60A-BEPC65536 | DFS60
INCREMENTAL ENCODERS
Maximum revolution range
65536
61440
57344
53248
49152
45056
40960
36864
32768
28672
24576
20480
16384
12288
8192
4096
Recommended accessories
Other models and accessories
www.sick.com/DFS60
Brief description
Type
Part no.
Programming and configuration tools
USB programming unit, for programmable SICK encoders AFS60, AFM60, DFS60,
VFS60, DFV60 and wire draw encoders with programmable encoders
PGT-08-S
1036616
Programming unit display for programmable SICK DFS60, DFV60, AFS/AFM60, AHS/
AHM36 encoders, and wire draw encoder with DFS60, AFS/AFM60 and AHS/AHM36.
Compact dimensions, low weight, and intuitive operation.
PGT-10-Pro
1072254
Flanges
Standard stator coupling
BEF-DS00XFX
2056812
Other mounting accessories
Bearing bracket for hollow shaft encoders, fastening screws included the Bearing Block
is intended for very large radial and axial shaft loads. Particularly for application on: Belt
pulleys, Chain pinions, Friction wheels. It is designed this way to enable fitting of en-
coder with blind hollow shaft with ø 12 mm., fastening screws included
BEF-FA-B12-010
2042728
Clamping ring for metal hollow
shaft␍, metal
BEF-KR-M
2064709
Plug connectors and cables
Head A: female connector, M12, 8-pin, straight
Head B: Flying leads
Cable: Incremental, SSI, PUR, halogen-free, shielded, 2 m
DOL-1208-G02MAC1
6032866
2023-11-18 22:09:56 | Product data sheet
Subject to change without notice
INCREMENTAL ENCODERS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com