Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6037726 Datasheet(PDF) 8 Page - SICK AG

Part # 6037726
Description  INCREMENTAL ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037726 Datasheet(HTML) 8 Page - SICK AG

  6037726 Datasheet HTML 1Page - SICK AG 6037726 Datasheet HTML 2Page - SICK AG 6037726 Datasheet HTML 3Page - SICK AG 6037726 Datasheet HTML 4Page - SICK AG 6037726 Datasheet HTML 5Page - SICK AG 6037726 Datasheet HTML 6Page - SICK AG 6037726 Datasheet HTML 7Page - SICK AG 6037726 Datasheet HTML 8Page - SICK AG 6037726 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DFS60A-BEPC65536 | DFS60
INCREMENTAL ENCODERS
Brief description
Type
Part no.
Head A: female connector, M12, 8-pin, straight
Head B: Flying leads
Cable: Incremental, SSI, PUR, halogen-free, shielded, 5 m
DOL-1208-G05MAC1
6032867
Head A: female connector, M12, 8-pin, straight
Head B: Flying leads
Cable: Incremental, SSI, PUR, halogen-free, shielded, 10 m
DOL-1208-G10MAC1
6032868
Head A: female connector, M12, 8-pin, straight
Head B: Flying leads
Cable: Incremental, SSI, PUR, halogen-free, shielded, 20 m
DOL-1208-G20MAC1
6032869
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: PVC, shielded, 2 m
DOL-1208-W02MA
6020992
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: HIPERFACE®, Incremental, PUR, halogen-free, shielded, 2 m
DOL-1208-W02MAC1
6037724
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, shielded, 2 m
DOL-1208-
W02MAS01
6029224
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: PUR, halogen-free, unshielded, 2 m
DOL-1208-W02MC
6035623
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: PVC, shielded, 5 m
DOL-1208-W05MA
6021033
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: HIPERFACE®, Incremental, PUR, halogen-free, shielded, 5 m
DOL-1208-W05MAC1
6037725
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: PUR, unshielded, 5 m
DOL-1208-W05MC
6035624
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: HIPERFACE®, Incremental, PUR, halogen-free, shielded, 10 m
DOL-1208-W10MAC1
6037726
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: PUR, halogen-free, unshielded, 10 m
DOL-1208-W10MC
6035625
Head A: female connector, M12, 8-pin, angled
Head B: Flying leads
Cable: HIPERFACE®, Incremental, PUR, shielded, 20 m
DOL-1208-W20MAC1
6037727
Head A: female connector, M12, 8-pin, straight
Head B: male connector, D-Sub, 9-pin, straight
Cable: Incremental, shielded, 0.5 m
Programming adapter cable for programming tool PGT-10-Pro and PGT-08-S
DSL-2D08-G0M5AC3
2046579
Head A: female connector, M12, 8-pin, straight, A-coded
Cable: Incremental, SSI, shielded
DOS-1208-GA01
6045001
8
INCREMENTAL ENCODERS | SICK
Product data sheet | 2023-11-18 22:09:56
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com