Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6037726 Datasheet(PDF) 5 Page - SICK AG

Part # 6037726
Description  INCREMENTAL ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037726 Datasheet(HTML) 5 Page - SICK AG

  6037726 Datasheet HTML 1Page - SICK AG 6037726 Datasheet HTML 2Page - SICK AG 6037726 Datasheet HTML 3Page - SICK AG 6037726 Datasheet HTML 4Page - SICK AG 6037726 Datasheet HTML 5Page - SICK AG 6037726 Datasheet HTML 6Page - SICK AG 6037726 Datasheet HTML 7Page - SICK AG 6037726 Datasheet HTML 8Page - SICK AG 6037726 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DFS60A-BEPC65536 | DFS60
INCREMENTAL ENCODERS
Type
Blind hollow shaft
Shaft diameter XF7
Shaft diameter xj7
DFS60x-BCxxxxxxxx
3/8″
DFS60x-BDxxxxxxxx
10 mm
DFS60x-BExxxxxxxx
12 mm
DFS60x-BFxxxxxxxx
1/2″
DFS60x-BGxxxxxxxx
14 mm
DFS60x-BHxxxxxxxx
15 mm
DFS60x-BJxxxxxxxx
5/8″
PIN assignment
View of M12 male device connector on encoder
PIN
Male connector M12, 8-pin
PIN
Male connec-
tor M23, 12-pin
Wire colors (ca-
ble connection)
TTL/HTL signal
Sin/Cos 1.0 VPP
Explanation
1
6
Brown
¯A
COS-
Signal wire
2
5
White
A
COS+
Signal wire
3
1
Black
¯B
SIN-
Signal wire
4
8
Pink
B
SIN+
Signal wire
5
4
Yellow
¯Z
¯Z
Signal wire
6
3
Purple
Z
Z
Signal wire
7
10
Blue
GND
GND
Ground connection
8
12
Red
+US
+US
Supply voltage
-
9
-
N.c.
N.c.
Not assigned
-
2
-
N.c.
N.c.
Not assigned
-
11
-
N.c.
N.c.
Not assigned
-
7  1)
Orange
0-SET 1)
N.c.
Set zero pulse
1)
Screen
Screen
Screen
Screen
Screen
Screen connected to
housing on encoder
side. Connected to
ground on control
side.
1)
For electrical interfaces only: M, U, V, W with 0-SET function on PIN 7 on M23 plug. The 0-SET input is used to set the
zero pulse to the current shaft position. If the 0-SET input is applied to US for longer than 250 ms after it has previ-
ously been open or applied to GND for at least 1,000 ms, the current shaft position is assigned zero pulse signal “Z”.
2023-11-18 22:09:56 | Product data sheet
Subject to change without notice
INCREMENTAL ENCODERS | SICK
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com