Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMDA0ES Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 5 Page - NXP Semiconductors

  MPF0900AMDA0ES Datasheet HTML 1Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 2Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 3Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 4Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 5Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 6Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 7Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 8Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056041
NVCC_BBSM_1V8
Always on
i.MX93
VDD_SOC
VDD_GPIO_3P3
VDD_GPIO_1P8
VIN: 3.3 V to 5.0 V
VDD2_DDR
(VDDQ_DDR for LPD4)
VDDQ_DDR
(LPD4x)
SD_CARD
NVCC_SD2
VDD_ANA_0P8
Co-processor
(I.MXRTxxxx)/safety subsystem
3.3 V
1.8 V
Miscellaneous peripherals
VVD1_1P8
1.8/3.3 V
SD card
LPDDR memory
SIMCARD/
ethernet
eMMC
supply
Ethernet
VVD2_DDR
VVDQ_DDR
System on
VAON
(1.8 V @ 10 mA)
PF09
SW1
(0.85 V @ 3.5 A)
SW2
(3.3 V @ 2.5 A)
SW3
(1.8 V @ 2.5 A)
SW4
(1.1 V @ 2.5 A)
SW5
(0.6 V @ 2.5 A)
LDO1
(3.3 V @ 500 mA)
LDO2
(1.8 V/3.3 V @ 200 mA)
LDO3
(0.8 V @ 200 mA)
Figure 2. Simplified application diagram i.MX93
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
5 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com