Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMDA0ES Datasheet(PDF) 95 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 91Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 92Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 93Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 94Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 95Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 96Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 97Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 98Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The OTP_SW1_DVSMIN[3:0] bits are provided to define the maximum low voltage delta allowed during a DVS
transition. The maximum low-voltage delta is calculated with respect to the default voltage setting selected by
the OTP_VSW1_RUN[7:0] bits, to ensure the system is not able to request a voltage change outside of the
selected limits defined for a specific application.
OTP_SW1_DVSMIN[3:0]
SW1 low-voltage delta
0000
0.025 V
0001
0.050 V
0010
0.075 V
0011
0.100 V
0100
0.125 V
0101
0.150 V
0110
0.175 V
0111
0.200 V
1000
0.225 V
1001
0.250 V
1010
0.275 V
1011
0.300 V
1100
0.325 V
1101
0.350 V
1110
0.375 V
1111
0.400 V
Table 114. Minimum DVS selection bits
If the MCU tries to write a voltage value in SW1 lower than the OTP_SW1_DVSMIN[3:0] selection, the controller
will ignore the command and send a DVSMIN_I interrupt. The DVSMIN_I interrupt will assert the INTB pin if the
interrupt is not masked.
The SW1_RUN_MODE[1:0] bits are provided to change the mode of operation of the SW1 regulator during the
RUN state. If the SW1 is enabled in the Power-up sequence, the SW1_RUN_MODE[1:0] will be set to PWM by
default.
SW1_RUN_MODE[1:0]
Mode selection in RUN
00
OFF
01
PWM
10
PFM
11
Reserved
Table 115. Mode selection in RUN
The SW1_STBY_MODE[1:0] bits are provided to change the mode of operation of the SW1 regulators during
the STANDBY state.
SW1_STBY_MODE[1:0]
Mode selection in STANDBY
00
OFF
Table 116. Mode selection in STANDBY
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
95 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com