Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMDA0ES Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 64Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 65Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 66Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 67Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 68Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 69Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 70Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 71Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V and
TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
RXPU_SCL_HS
SCL external pullup high speed
• Pullup to VDDIO
• I2C high speed
–
0.8
–
kΩ
RXPU_SDA_HS
SDA external pullup high speed
• Pullup to VDDIO
• I2C high speed
–
0.8
–
kΩ
Table 63. Electrical characteristics...continued
12.8.2 PWRON
The PWRON is an input signal to the PF09 that acts as a power-up event signal for the device. It provides two
modes of operations as programmed by the OTP_PWRON_MODE bit.
OTP_PWRON_MODE
PWRON operation mode
0
Level Sensitive
1
Edge Sensitive
Table 64. PWRON operation mode
Refer to Section 12.3 for details on power-up requirements.
12.8.2.1 Level-sensitive mode
When the PWRON is programmed in In level-sensitive mode, the PWRON pin is used to command the PMICs
to generate a power on/off event by controlling the pin high or low, respectively.
When the PWRON pin is asserted low, the device is forced into the corresponding off state, and pulling the
PWRON pin high will generate a power-on event.
PWRON may be pulled up to VIN with an external pullup resistor, if the device is intended to come up
automatically when the main power is applied.
12.8.2.2 Edge-sensitive mode
When the PWRON is programmed in edge-sensitive mode, PWRON may be pulled up to VIN through a 470 kΩ
resistor connected to a pushbutton or a controlled signal to generate a Falling-edge pulse on the PWRON pin.
In this mode, the PWRON pin is expected to be pulled up to VIN all the time, hence the system must make
a tradeoff between having an ultra-low quiescent current in the OFF state and the ability to operate in edge
transition.
In edge sensitive mode, a Falling edge on the PWRON pin is used to generate a power-up event when the
device is in the LPOFF state.
During the system-on states, the PWRON pin is used to request a turnoff event by generating a new falling-
edge transition and holding the PWRON pin low for as long as the selected time to reset (TRESET).
TRESET[1:0]
Time to reset
00
100 μs
Table 65. Time to reset
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
68 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com