Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMDA0ES Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 6Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 7Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 8Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 9Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 10Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 11Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 12Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 13Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
8 Internal block diagram
Digital control unit and state machine
aaa-056042
VIN
I2C
interface
VIN OVLO
Clock
management
100 kHz clock
20 mHz clock
Clock sync
Thermal
management
Physical isolation
mDCU interface
Digital machine supervisor
(DMS)
8x Thermal sensor
Thermal shutdown
To safety
outputs
FS0B
ctrl
RSTB
ctrl
To
regs
VBG1
From
VDIG_OV
PWR
cutoff
BG
flt
VDIG
OV
From VIN
VANA LDO
To VANAOV
OTP fuses
OTP controller
OTP mirror registers
Functional registers
AGND
LDO1OUT
LDO1
LDO1IN
VANA
VDIG LDO
To VDIGOV
VDIG
VAON LDO
To VAONMON
To VLDO1MON
CLK DMS
VDIG DMS
VAON
LDO2OUT
LDO2
LDO2IN
To VLDO2MON/VMON3
LDO3OUT
LDO3
System
regulators
ABIST
checker
Voltage
supervisor
Dynamic
CRC
EA and
driver
SW5 DVS
and misc
reference
Safety output
Functional safety
Regulation
bandgap
LDO3IN
FSYNC
FS0B
Safety output
FCCU
interface
WD
monitoring
RSTB
FCCU0
FCCU1
FCCU0
FCCU1/XRESET
AMUX
VMON1
VMON2
VSW1MON
VSW2MON
VSW3MON
VSW4MON
VSW5MON
VLDO1MON
VLDO2MON/VMON3
VLDO3MON/VMON4
VAONMON
VDIGOV/VANAOV
To VLDO3MON/VMON4
Temperature
monitors
Internal
supplies
SW5LXA
SW5IN
SW5FB
To VSW5MON
SW5LXB
EPAD
Digital signal(s)
Analog reference(s)
20 MHz clock/derivative
100 kHz clock/derivative
EA and
driver
SW4 DVS
and misc
reference
SW4LXA
SW4IN
SW4FB
To VSW4MON
SW4LXB
EPAD
EA and
driver
SW3 DVS
and misc
reference
SW3LXA
SW3IN
SW3FB
To VSW3MON
SW3LXB
EPAD
EA and
driver
SW2 DVS
and misc
reference
SW2LXA
SW2IN
SW2FB
To VSW2MON
SW2LXB
EPAD
EA and
driver
SW1 DVS
and misc
reference
SW1LXA
SW1INB
SW1FB
SW1INA
To VSW1MON
SW1LXB
EPAD
Monitoring
bandgap
Bandgap
comparator
Figure 4. Internal Block Diagram
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
10 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com