Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMDA0ES Datasheet(PDF) 98 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 94Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 95Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 96Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 97Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 98Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 99Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 100Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 101Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The SW1LS_OCP bit is provided to set the reaction of the SW1LS output when an overcurrent condition is
present. The default value of the SW1LS_OCP bit is set in OTP via the OTP_SW1LS_OCP bit.
SW1LS_OCP
SW1LS overcurrent protection
0
Interrupt only
1
SW1LS OFF
Table 123. SW1LS overcurrent protection bit
When the SW1LS_OCP = 0, an OCP condition will set the SW1LS_OCP_I interrupt only without disabling the
output voltage.
When the SW1LS_OCP = 1, an OCP condition will set the SW1LS_OCP_I interrupt and disable the SW1LS
output immediately.
The SW1LS_OCP_I interrupt will assert the INTB pin if the interrupt is not masked.
Once the OCP mechanism has disabled the SW1LS output, the system will be able to recover the output by
clearing the SW1LS_OCP_I bit.
13.2.2.2 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, VSW1IN = VIN = UVDET to 5.5 V, VSW1FB = 3.3 V, ISW1 = 1 A, typical
external component values, fSW = 2.5 MHz, unless otherwise noted. Typical values are characterized at VSW1IN = 5.0 V,
VSW1FB = 3.3 V, ISW1 = 1000 mA, and Ta = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
VSW1IN
Operating input range[1]
• Minimum headroom = VSW1FB + IOUT_MAX * RON / DC.
• IOUT_MAX = minimum ILIM selected for SW1
• RON includes HS FET RDSON, bond wire resistance, PCB trace
resistance and inductor DCR.
• Maximum duty cycle = 100%
UVDET
–
5.5
V
fSW
Operating switching frequency
1.9
–
3.15
MHz
VSW1ACC3
Output voltage accuracy
• PWM mode
• 0.5V ≤ VSW1FB < 0.8V
-10
–
10
mV
VSW1ACC1
Output voltage accuracy
• PWM mode
• 0.8V ≤ VSW1FB < 1.35V
-1.5
–
1.5
%
VSW1ACC2
Output voltage accuracy
• PWM Mode
• 1.5V ≤ VSW1FB ≤ 3.3V
-1.5
–
1.5
%
VSW1PFMACC3
Output voltage accuracy
• PFM mode
• 0.5V ≤ VSW1FB < 0.8 V
-20
–
20
mV
VSW1PFMACC1
Output voltage accuracy
• PFM mode
• 0.8V ≤ VSW1FB < 1.35 V
-3
–
3
%
VSW1PFMACC2 Output voltage accuracy
• PFM Mode
-3
–
3
%
Table 124. SW1 electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
98 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com