Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMDA0ES Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 66Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 67Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 68Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 69Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 70Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 71Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 72Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 73Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_STBY_REQ
STANDBY request window
0
Always open
1
Open on request
Table 68. STANDBY request window
When the STANDBY request window is set to “always open”, the device can transition in and out of the
STANDBY states at any time by toggling the STBY pin, as defined by the STBY_POL polarity bit.
When the STANDBY request window is set to “open on request”, the PF09 requires a STANDBY request
command to open the request window. To start a STANDBY request, the MCU must send the SYS_CMD =
0x2C via I2C communication, and it must assert the STBY pin within 20 ms while the STANDBY request window
is open.
When the STANDBY request window is set to "open on request", the system can also start a STANDBY request
via software by fixing the STBY pin to a specific voltage, sending the STANDBY request and then changing the
STBY_POL bit via I2C communication within the open window (20 ms).
If the STBY pin does not get a valid voltage within the STANDBY request window (20 ms), the PF09 will close
the window and send a BAD_CMD_I interrupt to notify the system that the STANDBY request was not fulfilled.
12.8.4 INTB
The INTB pin is an open-drain, active-low output used to notify the MCU when a specific event is present on the
PMIC. In the application, INTB is typically pulled up to VDDIO with an external 100 kΩ resistor.
The INTB pin behaves as an OR result of all unmasked interrupt signals asserted in the interrupt registers. It
will assert (i.e., be pulled low) when any of the interrupt events occur and the corresponding event is unmasked,
and it can be de-asserted only after each unmasked interrupt has been cleared by writing a “1” to the interrupt
bit.
The PF09 provides a system-level mechanism to request an interrupt pulse on demand, to test the ability of the
INTB pin to toggle high and low at any time during the system operation. When the interrupt pulse is requested,
the INTB pin will assert for 100 μs and then de-assert to its normal state.
When requesting an interrupt pulse, the system must first clear all the interrupts to ensure the INTB pin is
properly released, and then proceed to request the interrupt pulse by writing the SYS_CMD = 0x75. The MCU
can then monitor whether the pin is able to toggle high and low as expected.
Refer to Section 12.7.2 for detailed information about the events reported through the INTB pin.
12.8.5 RSTB
The RSTB pin is a programmable open-drain or push-pull, active-low output that is used to bring the processor
(and peripherals) into and out of RESET.
The OTP_RSTB_MODE[1:0] bit is provided to select the type of buffer used on the RSTB pin.
OTP_RSTB_MODE[1:0]
RSTB buffer type
00
Open drain
01
Push-pull to VDDIO
10
Push-pull to VAON
11
Open drain
Table 69. RSTB buffer type
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
70 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com