Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMDA0ES Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 73Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 74Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 75Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 76Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 77Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 78Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 79Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 80Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The GPIO1 uses the OTP_SEQ_TBASE[1:0] and the OTP_GPO1_SEQ[7:0] bits to enable the GPO by default
at a specific time slot during the Power-up sequence. Refer to section 16.3.3 Regulator Power-up Sequence, for
a detailed description of the Power-up sequence.
The GPIO1 pin is designed to have independent control configuration during the RUN and the STANDBY states,
to allow full control of the GPIO1 when going in and out of the STANDBY state.
In the RUN state, the level of the GPIO1 pin can be controlled manually via the GPIO1_RUN bit.
GPIO1_RUN
GPIO1 state
0
Low
1
High
Table 83. GPIO1 state in RUN
In the STANDBY state, the level of the GPIO1 pin can be controlled manually via the GPIO1_STBY bit.
GPIO1_STBY
GPIO1 state
0
Low
1
High
Table 84. GPIO1 state in STANDBY
12.8.9.2 VSELECT mode
When the GPIO1 is operating in VSELECT mode, the GPIO1 pin is used as an input to select the output voltage
of LDO2 when VSELECT_EN = 1. In this mode of operation, the pin is provided with an internal pulldown
resistor to force a solid low condition in the event of a floating pin.
The VSELECT mode is available only when the LDO2 is operating in LDO mode. In all other LDO2 modes of
operation, the GPIO1 will operate as a GPO output regardless of the value in the OTP_GPIO1_MODE bit.
When the GPIO1 is operating in VSELECT mode, the output voltage of the LDO2 will be set via the GPIO1 pin,
or via the I2C bits (VLDO2_RUN[4:0] / VLDO2_STBY[4:0]).
VSELECT_EN
GPIO1 pin
LDO2 voltage selection
1
Low
3.3 V
1
High
1.8 V
0
X
VLDO2_RUN[4:0] / VLDO2_STBY[4:0]
Table 85. LDO2 voltage selection
The default value for the VSELECT_EN bit is set to 1 after power on, to allow the system MCU to keep control
of the LDO2 voltage.
In order to prevent an undetected transition of the LDO2 via the VSELECT, the device will generate the
VSELECT_I interrupt every time the VSELECT input toggles.
12.8.10 GPIO2
The GPIO2 pin is a programable general-purpose IO with a selectable open-drain or push-pull output buffer.
The GPIO pin is configurable as a general-purpose output (GPO) or a dedicated input to perform the LDO1EN
operation via the OTP_GPIO2_MODE[1:0] bit.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
77 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com