Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMDA0ES Datasheet(PDF) 105 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 101Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 102Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 103Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 104Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 105Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 106Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 107Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 108Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
SWx_PH[2:0]
Phase control
001
90°
010
135°
011
180°
100
225°
101
270°
110
315°
111
0°
Table 135. SWx phase shift selection bits...continued
13.2.3.1 Multiphase operation
Regulators SW2 and SW3 can be configured for dual-phase operation via the OTP_SW2CONFIG[1:0] bits.
OTP_SW2CONFIG[1:0]
SW2 and SW3 operation
00
Single-phase mode
01
Dual-phase mode
10
Reserved (disabled)
11
Reserved (disabled)
Table 136. SW2 and SW3 multiphase configuration bits
In single-phase mode, SW2 and SW3 operate independently ofeach other.
When SW2 and SW3 are configured in dual-phase mode, SW2 will become the primary channel and will control
most of the configuration of the resulting multi-phase channel, with the exception of the phase configuration,
which is controlled independently for each channel via the SW2_PH[2:0] and SW3_PH[2:0] bits, respectively.
Regulators SW4 and SW5 can be configured in dual-phase operation via the OTP_SW4CONFIG[1:0] bits. In
single-phase mode, SW4 and SW5 operate independently of each other.
OTP_SW4CONFIG[1:0]
SW4 and SW5 operation
00
Single-phase mode
01
Dual-phase mode
10
Reserved (disabled)
11
Reserved (disabled)
Table 137. SW4 and SW5 multiphase configuration bits
When SW4 and SW5 are configured in dual-phase mode, SW4 will become the primary channel and will control
most of the configuration of the resulting multi-phase channel, with the exception of the phase configuration,
which is controlled independently for each channel via the SW4_PH[2:0] and SW5_PH[2:0] bits, respectively.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
105 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com