Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5420BCDZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5420BCDZ-R7
Description  Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5420BCDZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5420BCDZ-R7 Datasheet HTML 1Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADRF5420
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 14
ELECTRICAL SPECIFICATIONS
VDD = +3.3V, VSS = −3.3V, control voltage (VCTRL) = 0V or VDD, and case temperature (TCASE) = 25°C for 50Ω system, unless otherwise noted.
Table 1. Electrical Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
1
90
GHz
INSERTION LOSS
Between RFC and RF1 and RF2 (On)
100MHz to 18GHz
0.9
dB
18GHz to 40GHz
1.2
dB
40GHz to 55GHz
1.5
dB
55GHz to 67GHz
1.7
dB
67GHz to 90GHz
3.0
dB
RETURN LOSS
RFC and RF1 and RF2 (On)
100MHz to 18GHz
18
dB
18GHz to 40GHz
16
dB
40GHz to 55GHz
15
dB
55GHz to 67GHz
15
dB
67GHz to 90GHz
10
dB
ISOLATION
Between RFC and RF1/RF2
100MHz to 18GHz
47
dB
18GHz to 40GHz
40
dB
40GHz to 55GHz
40
dB
55GHz to 67GHz
40
dB
67GHz to 90GHz
30
dB
Between RF1 and RF2
100MHz to 18GHz
49
dB
18GHz to 40GHz
42
dB
40GHz to 55GHz
43
dB
55GHz to 67GHz
40
dB
67GHz to 90GHz
30
dB
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
5
ns
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
15
ns
RF Settling Time
0.1dB
50% VCTRL to 0.1dB of final RF output
35
ns
INPUT LINEARITY1
1GHz to 67GHz
0.1dB Power Compression
P0.1dB
24
dBm
Third-Order Intercept
IP3
Two-tone input power = 14dBm each tone, Δf =
1MHz
45
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
130
µA
Negative Supply Current
ISS
490
µA
DIGITAL CONTROL INPUTS
CTRL pin
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low and High
IINL, IINH
<1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com