Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5420BCDZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5420BCDZ-R7
Description  Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5420BCDZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5420BCDZ-R7 Datasheet HTML 1Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
ADRF5420
Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
|
Tel: 781.935.5565
|
©2026 Analog Devices, Inc. All rights reserved.
FEATURES
►
Frequency range: 1GHz to 90GHz
►
Low insertion loss
►
1.2dB typical to 40GHz
►
1.7dB typical to 67GHz
►
3.0dB typical to 90GHz
►
High Isolation
►
42dB typical up to 40GHz
►
40dB typical up to 67GHz
►
30dB typical up to 90GHz
►
High input linearity
►
P0.1dB: 24dBm typical
►
IP3: 45dBm typical
►
High RF input power handling
►
Through path: 24dBm maximum
►
Hot switching: 21dBm maximum
►
No low frequency spurs
►
CMOS- and LVTTL-compatible
►
Fast switching on time and off time (50% VCTRL to 90% of RF
output): 15ns
►
RF settling time, 0.1dB (50% VCTRL to 0.1dB of final RF output):
35ns
►
Single-supply operation capability (VDD = 3.3V and VSS = 0V)
►
30-ball, 1.56mm × 2.04mm, bumped, bare die sales
APPLICATIONS
►
Test and instrumentation
►
Cellular infrastructure: 5G mmWave
►
Military radios, radars, electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5420 is a reflective, SPDT switch manufactured in the
silicon process. This switch operates from 1GHz to 90GHz with
better than 3.0dB of insertion loss and 30dB of isolation. The
ADRF5420 has an RF input power handling capability of 24dBm for
the through path and 21dBm for hot switching.
The ADRF5420 draws a current of 130µA on the positive supply of
+3.3V and 490µA on negative supply of −3.3V. The device employs
complementary metal-oxide semiconductor (CMOS)-/low voltage
transistor to transistor logic (LVTTL)-compatible controls.
The ADRF5420 can also operate with a single positive supply
voltage (VDD) applied while the negative supply voltage (VSS) is tied
to ground. The small signal performance is maintained while the
switching characteristics, linearity, and power handling performance
is derated. See Table 2 for more details.
The ADRF5420 RF ports are designed to match a characteristic
impedance of 50Ω. The ADRF5420 is a 30-ball, 1.56mm × 2.04mm,
bumped bare die sales and can operate between −40°C to +105°C.


Similar Part No. - ADRF5420BCDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5422 AD-ADRF5422 Datasheet
587Kb / 13P
Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5422BCZ AD-ADRF5422BCZ Datasheet
587Kb / 13P
Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5422BCZ-GP AD-ADRF5422BCZ-GP Datasheet
587Kb / 13P
Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5422BCZ-SX AD-ADRF5422BCZ-SX Datasheet
587Kb / 13P
Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
More results

Similar Description - ADRF5420BCDZ-R7

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7112 PASTERNACK-PE7112 Datasheet
242Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE: SPDT
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
logo
Analog Devices
ADRF5021 AD-ADRF5021 Datasheet
356Kb / 12P
Silicon SPDT Switch
Rev. A
ADRF5027 AD-ADRF5027 Datasheet
357Kb / 13P
Silicon SPDT Switch, Nonreflective
7/2018-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5301 AD-ADRF5301_V01 Datasheet
753Kb / 10P
Silicon, SPDT Switch, 37 GHz to 49 GHz
Rev. 0
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com