Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5420BCDZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5420BCDZ-R7
Description  Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5420BCDZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5420BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
ADRF5420
THEORY OF OPERATION
analog.com
Rev. 0 | 10 of 14
The ADRF5420 integrates a driver to perform logic functions inter-
nally and provides the user with the advantage of a simplified
CMOS-compatible and LVTTL-compatible control interface. This
driver features a single digital control input pin, CTRL. The logic
level applied to the CTRL pin determines which RF port is in the
insertion loss state and in the isolation state (see Table 7).
RF INPUT AND OUTPUT
The RF ports (RFC, RF1, and RF2) are DC-coupled to 0 V, and no
DC-blocking is required at the RF ports when the RF line potential
is equal to 0 V. The RF ports are internally matched to 50 Ω.
The ADRF5420 is bidirectional with equal power-handling capabili-
ties. The RF input signal can be applied to the RFC port or the
selected RF throw port.
The insertion loss path conducts the RF signal between the select-
ed RF throw port and the RF common port. The isolation paths
provide high loss between the insertion loss path and the unselect-
ed RF throw port. The unselected RF port of the ADRF5420 is
reflective.
The power handling of the ADRF5420 derates with frequencies less
than 3 GHz and more than 70GHz. See Figure 2 and Figure 3 for
derating of the RF power towards lower and higher frequencies.
POWER SUPPLY
The ADRF5420 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to filter
high frequency noise.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp up.
3. Apply the digital control input. Powering the digital control input
before the VDD supply can inadvertently forward bias and
damage the internal ESD protection structures. To avoid this
damage, use a series 1kΩ resistor to limit the current flowing
into the CTRL pin. Use pull-up or pull-down resistors if the
controller is in a high impedance state after VDD is powered up
and the CTRL pin is not driven to a valid logic state.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.
Table 7. Control Voltage Truth Table
Digital Control Input (VCTRL)
RF Path
RF1 to RFC
RF2 to RFC
Low
Isolation (off)
Insertion loss (on)
High
Insertion loss (on)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com