Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5420BCDZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5420BCDZ-R7
Description  Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5420BCDZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5420BCDZ-R7 Datasheet HTML 1Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
ADRF5420
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 14
Table 1. Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTRL
0
VDD
V
RF Input Power2
PIN
f = 3GHz to 70GHz, TCASE = 85°C3
Through Path
RF signal is applied to RFC or through connected
RF1 and RF2
24
dBm
Hot Switching
RF signal is present at RFC while switching
between RF1 and RF2
21
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 13 to Figure 16.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3dB.
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0V, VCTRL = 0V or VDD, and TCASE = 25°C for 50Ω system, unless otherwise noted.
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
1
90
GHz
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
20
ns
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
38
ns
0.1dB RF Settling Time
50% VCTRL to 0.1dB of final RF output
42
ns
INPUT LINEARITY
f = 1GHz to 67GHz
0.1dB Power Compression
P0.1dB
14
dBm
Input Third-Order Intercept
IIP3
Two-tone input power = 0dBm each tone, Δf =
1MHz
41
dBm
RECOMMENDED OPERATING CONDITONS
RF Input Power1
PIN
f = 3GHz to 70GHz, TCASE = 85°C2
Through Path
RF signal is applied to the RFC or through
connected RF1 and RF2
14
dBm
Hot Switching
RF signal is applied to the RFC while switching
between RF1 and RF2
11
dBm
1 For power derating over frequency, see Figure 2 and Figure 3.
2 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 1dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com