Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5420BCDZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5420BCDZ-R7
Description  Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5420BCDZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5420BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADRF5420
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 11 of 14
The ADRF5420 has two power supply pins (VDD and VSS) and
one control pin (CTRL). Figure 17 shows the external components
and connections for the supply pin. The VDD, VSS, and CTRL
pins are decoupled with a 100pF multilayer ceramic capacitor. The
device pinout allows the placement of the decoupling capacitors
close to the device. No other external components are needed for
bias and operation, except DC blocking capacitors on the RF pins
when the RF lines are biased at a voltage different than 0V. Refer to
the Pin Configuration and Function Descriptions section for further
details.
Figure 17. Recommended Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com