Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5420BCDZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5420BCDZ-R7
Description  Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5420BCDZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5420BCDZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
ADRF5420
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 14
Figure 4. Pin Configuration (Top View—Ball Side Down)
Table 6. Pin Function Descriptions
Ball No.
Mnemonic
X Coordinate (mm)
Y Coordinate (mm)
Description
A1
GND
−0.575
+0.9
Ground.
A5
GND
+0.275
+0.9
Ground.
A6
GND
+0.575
+0.9
Ground.
B3
RF2
−0.15
+0.75
RF Port 2. The RF2 pin is DC-coupled and biased to 0V and AC matched to 50Ω.
No DC blocking capacitor is necessary when the RF line potential is equal to 0V.
See Figure 5 for the interface schematic.
C1
GND
−0.575
+0.6
Ground.
C5
GND
+0.275
+0.6
Ground.
C6
GND
+0.575
+0.6
Ground.
D2
GND
−0.275
+0.45
Ground.
D4
GND
−0.025
+0.45
Ground.
E1
GND
−0.575
+0.3
Ground.
E5
GND
+0.275
+0.3
Ground.
E6
VSS
+0.575
+0.3
Negative Supply Voltage. See Figure 8 for the interface schematic.
F2
GND
−0.275
+0.15
Ground.
F4
GND
−0.025
+0.15
Ground.
G1
RFC
−0.575
0
RF Common Port. The RFC pin is DC-coupled and biased to 0V and AC matched to
50Ω. No DC blocking capacitor is necessary when the RF line potential is equal to
0V. See Figure 5 for the interface schematic.
G6
CTRL
+0.575
0
Control Input Voltage. See for the Figure 6 interface schematic.
H2
GND
−0.275
−0.15
Ground.
H4
GND
−0.025
−0.15
Ground.
J1
GND
−0.575
−0.3
Ground.
J5
GND
+0.275
−0.3
Ground.
J6
VDD
+0.575
−0.3
Positive Supply Voltage. See Figure 7 for the interface schematic.
K2
GND
−0.275
−0.45
Ground.
K4
GND
−0.025
−0.45
Ground.
L1
GND
−0.575
−0.6
Ground.
L5
GND
+0.275
−0.6
Ground.
L6
GND
+0.575
−0.6
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com