Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5420BCDZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5420BCDZ-R7
Description  Flip-Chip, Silicon SPDT Switch, 1GHz to 90GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5420BCDZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5420BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5420BCDZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Data Sheet
ADRF5420
OUTLINE DIMENSIONS
Legal Terms and Conditions
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of
patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or
patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and
availability.
analog.com
Rev. 0 | 14 of 14
Package Drawing Option
Package Type
Package Description
CD-30-3
BUMPED_CHIP
38-Ball Bumped Bare Die Sales
For the latest package outline information and land patterns (footprints), go to Package Index.
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packaging Quantity
Package Option
ADRF5420BCDZ
−40°C to +105°C
30-Ball Bumped Bare Die Sales [BUMPED_CHIP]
Cut-Tape, 1 to 500
CD-30-3
ADRF5420BCDZ-R7
−40°C to +105°C
30-Ball Bumped Bare Die Sales [BUMPED_CHIP]
Reel, 500
CD-30-3
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com