Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9407F Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9407F
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9407F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9407F Datasheet HTML 3Page - STMicroelectronics L9407F Datasheet HTML 4Page - STMicroelectronics L9407F Datasheet HTML 5Page - STMicroelectronics L9407F Datasheet HTML 6Page - STMicroelectronics L9407F Datasheet HTML 7Page - STMicroelectronics L9407F Datasheet HTML 8Page - STMicroelectronics L9407F Datasheet HTML 9Page - STMicroelectronics L9407F Datasheet HTML 10Page - STMicroelectronics L9407F Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
L9407F
Figure 4. Characteristics (Active always at engine start)
Figure 5. Soft Start/attack Characteristics
Ign. sw
on
off
Time (sec)
Time (sec)
Time (sec)
Time (sec)
Engine speed (rpm)
Field current (A)
W/Lamp
(soft attack inhibition Alt. speed)
(soft start enable Alt. speed)
0.5s min
0.5s min
Soft start
delay time
Soft start
delay time
Soft start
delay time
Soft start
timing
Soft start
timing
Soft start
timing
on
off
Ign. sw on
Starter on
E/G stop
and Ign. sw off
Ign. sw on
Starter on
E/G stop
Starter on
0.15s~0.5s
0.15s~0.5s
Engine start
Engine start
Engine restart
Soft attack inhibition
Alt. speed > E/G speed
Soft attack inhibition
Alt. speed < E/G speed
Engine
Ign. Key
W/Lamp
Ifield
DF - DFM
off
on
off
on
off
on
Bl
t_SL
t_ST
Field Pre-excitation
Field Regulation
Bl
Load ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com