Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9407F Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9407F
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9407F Datasheet(HTML) 4 Page - STMicroelectronics

  L9407F Datasheet HTML 1Page - STMicroelectronics L9407F Datasheet HTML 2Page - STMicroelectronics L9407F Datasheet HTML 3Page - STMicroelectronics L9407F Datasheet HTML 4Page - STMicroelectronics L9407F Datasheet HTML 5Page - STMicroelectronics L9407F Datasheet HTML 6Page - STMicroelectronics L9407F Datasheet HTML 7Page - STMicroelectronics L9407F Datasheet HTML 8Page - STMicroelectronics L9407F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
L9407F
4/11
t_ST
Soft Start Delay Time (see fig.
5)
activated always at engine start
0
s
t_SL
Soft Attack Time / Soft Start
Time (see fig. 5)
from 0 to 100% field duty cycle
2.45
3
3.45
s
Bl
Soft Attack Blind Zone
percentage of maximum duty
cycle immediate variation at soft
attack
010
%
t-rise
Output Voltage Rise Time
Ifield = 3A resistive (Fig. 6)
4
50
µs
t_fall
Output Voltage Fall Time
Ifield = 3A resistive (Fig. 6)
5
50
µs
If_leak
Output Field Driver Leakage
Current
DF = 24V
1
mA
VH_SAT
High Side Driver Saturation
Voltage (Fig. 9)
I source = 1A
1.2
V
VL_SAT1
Low Side Driver Saturation
Voltage
I sink = 0.5A
2
V
VL_SAT2
Low Side Driver Saturation
Voltage
I sink = 0.3A
1.5
V
VLSB
Selfbias without supply Lamp
driver Voltage
4V
IHSC
High Side Driver short circuit
current (Fig. 9)
A+ = 17.5V; D+ = GND
1.2
3
A
ILSC
Low Side Driver short circuit
current
A+ = D+ = 17.5V
0.7
2.5
A
VthD+
Enable Regulator Voltage D+
0.5
0.7
0.9
V
IthD+
Enable Regulator pull-down
Current D+
0.4
3.5
mA
L-t-D
Lamp on delay at Ign. switch
turn on
(Fig. 7)
2
ms
Vcan
Test mode to cancel soft start/
attack (voltage)
(Fig. 8)
36
44
V
VPHL1
Enable control voltage input
high threshold
square wave f = 1KHz
0.67
0.795
0.92
V
t_PH
PH Filtering Time
50
200
µs
VPHH1
Diagnosis phase loss input
high threshold
9
10.25
11.5
V
VPHH2
Diagnosis phase loss input low
threshold
guaranteed by design
4
5
6
V
tPHd
Diagnostic PH Filtering Time
guaranteed by design
50
200
µs
I_Th-PH
Phase Pull-down Current
1
8
mA
ELECTRICAL CHARACTERISTCS (continued)
(Tcase = -40ºC ÷ 150ºC; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com