Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9407F Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9407F
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9407F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9407F Datasheet HTML 3Page - STMicroelectronics L9407F Datasheet HTML 4Page - STMicroelectronics L9407F Datasheet HTML 5Page - STMicroelectronics L9407F Datasheet HTML 6Page - STMicroelectronics L9407F Datasheet HTML 7Page - STMicroelectronics L9407F Datasheet HTML 8Page - STMicroelectronics L9407F Datasheet HTML 9Page - STMicroelectronics L9407F Datasheet HTML 10Page - STMicroelectronics L9407F Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
L9407F
8/11
Table 1. FAULT DETECTION TABLE
The diagnostic result is disabled during the Soft-start delay time t_ST and the soft-start / soft attack timing t_SL
Figure 6. Output Voltage rise/fall time (DF, DF_MON)
Figure 7. Lamp on delay at Ign. switch turn on
Root Cause
Signal
Effect
Test detect
Alternator belt breaking
PH
Alternator disexcitation
VPH<VPHH & VA+<Vreg
Brushes open
PH
Alternator disexcitation
VPH<VPHH & VA+<Vreg
Driver Open
PH
Alternator disexcitation
VPH<VPHH & VA+<Vreg
Field interruption
PH
Alternator disexcitation
VPH<VPHH & VA+<Vreg
Field short circuit to the battery
PH
Alternator disexcitation
VPH<VPHH & VA+<Vreg
Field short circuit to the ground
DF
Overvoltage
DF<VS1 & VA+>Vreg
Battery discharge (Field Driver open)
A+
Undervoltage
VA+<Vreg
No fully excited
A+
Undervoltage
VA+<Vuv
Battery discharge
A+
Undervoltage
VA+<Vuv
90%
10%
t-RISE
t-TM
t-FALL
t-TD
DF
DF_MON
Voltage
Ign. sw
W/Lamp
Off
Off
On
On
L-t-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com