Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9407F Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9407F
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9407F Datasheet(HTML) 3 Page - STMicroelectronics

  L9407F Datasheet HTML 1Page - STMicroelectronics L9407F Datasheet HTML 2Page - STMicroelectronics L9407F Datasheet HTML 3Page - STMicroelectronics L9407F Datasheet HTML 4Page - STMicroelectronics L9407F Datasheet HTML 5Page - STMicroelectronics L9407F Datasheet HTML 6Page - STMicroelectronics L9407F Datasheet HTML 7Page - STMicroelectronics L9407F Datasheet HTML 8Page - STMicroelectronics L9407F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
L9407F
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction to Case
0.6
°C/W
ELECTRICAL CHARACTERISTCS
(Tcase = -40ºC ÷ 150ºC; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
Vbat
Operating Supply Voltage
6
18
V
Ib-sinked
Supply Battery Current
50
mA
Ib-stby
Stand-by Current
Vbat = A+, DF = 12.5V
500
uA
Vreg
Regulated Volt. & Therm. Drift
Ialt=1A-0.9*Inom; Tcase=20ºC;
1200<rpm<RPMMAX;
Vreg clamped at 14.8V Max. (Fig.3)
13.9
-4.5
14.35
-3.5
14.8
-2.5
V
mV/°C
fsw
Switching Frequency
preexcitation
30
400
Hz
Delta Vrpm
1500<rpm<RPMMAX; Ialt=5A;
Tcase=23ºC
200
mV
Delta Vload
5A<Ialt<Inom; rpm=6000rpm;
Tcase=23ºC
250
mV
Vreg
Reg. Voltage without Battery
Ialt = 3A resistive; Tcase=25º;
2000<rpm<RPMMAX
12
16
V
Vov
D+ Drivers Disable Threshold
Voltage on pin A+ to have D+
OFF
18
22
V
Tj-sd
Thermal Shut-down
D+/DF = OFF STATE
180
200
220
ºC
Tj-sd-hys
Thermal Shut-down hysteresis
D+/DF from OFF STATE (due to
thermal shutdown) to ON STATE
Tj-sd-2
Tj-sd-10
ºC
Vuv
Low voltage detection
threshold
D+ low side driver ON after
diagnosis delay time
7.7
8.6
9.5
V
Vuv-hys
Low voltage detection
threshold hysteresis
D+ low side driver OFF without
delay
Vuv +
0.40
Vuv +
0.50
Vuv +
0.60
V
Ron LSD
Low Side Driver Rdson
T = 150ºC; I = 4.5A
189
m
Ron LSD
Low Side Driver Rdson
T = 25ºC; I = 7A
107
mOhm
Vf
Freewheeling diode DF
I=5A
2
V
If_SCTH
Short Circuit Threshold DF
DF = 12V; Tcase = -40ºC
11
18
A
DF = 12V; Tcase = -25ºC
8.5
18
A
DF = 12V; Tcase = -150ºC
5.5
18
A
Vs1
Output Short to GROUND DF
Threshold
2.1
3.9
V
FS_duty
Pre-excitation F.S.D.F.
f = 333Hz +/- 15%
15.93
18.75
21.57
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com