Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9407F Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9407F
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9407F Datasheet(HTML) 1 Page - STMicroelectronics

  L9407F Datasheet HTML 1Page - STMicroelectronics L9407F Datasheet HTML 2Page - STMicroelectronics L9407F Datasheet HTML 3Page - STMicroelectronics L9407F Datasheet HTML 4Page - STMicroelectronics L9407F Datasheet HTML 5Page - STMicroelectronics L9407F Datasheet HTML 6Page - STMicroelectronics L9407F Datasheet HTML 7Page - STMicroelectronics L9407F Datasheet HTML 8Page - STMicroelectronics L9407F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
L9407F
February 2003
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
FULLY MONOLITHIC DESIGN
s
LOW SIDE FIELD DRIVER
s
THERMAL PROTECTION
s
FIELD SHORT CIRCUIT PROTECTION
s
PROTECTED DIAGNOSTIC LAMP DRIVER
s
PROTECTED HIGH SIDE RELAY DRIVER
s
COMPLEX DIAGNOSTICS
s
LOAD RESPONSE CONTROL
s
DFM OUTPUT (FIELD MONITOR)
DESCRIPTION
The L9407F is a monolithic multifunction alternator
voltage regulator intended for use in automotive ap-
plication. It includes the control section, the field pow-
er stage, fault diagnostic circuit which drives a
warning lamp, and the protection against short cir-
cuits.
CIRCUIT OPERATION
The alternator's voltage regulator performs the fol-
lowing main functions:
– 1) voltage regulation
– 2) protection
– 3) control fault diagnosis
– 4) load response control
VOLTAGE REGULATION
The alternator voltage is compared with a reference
voltage in an amplifier, whose output determines the
switching frequency of output power MOS whose
current excites the coil of the alternator; as the regu-
lators are a self-oscillating type this frequency de-
pends on the whole system parameter set including
the alternator characteristics. The regulators have an
integrated filter in the voltage sensing path guaran-
teeing the correct behaviour of the devices also when
the rectifier diodes feature very high switching
spikes. The internal filtering allows the usage of the
device also with very long cables connecting the al-
ternator to the battery with an impedance so high to
cause a superimposed ripple on the alternator volt-
age higher than 5-6V. Consequently it doesn't need,
in the standard application, any external component.
Anyway an external application (2.2uF or 2.7uF)
must be inserted between A+ and ground when using
the device with very long cables.
PROTECTION
It is present a protection against short circuits of the
lamp and the relay power drivers (D+) and of the field
power driver (DF), a thermal drivers shutdown pro-
tection and an overvoltage protection of D+ power
drivers.
DIAGNOSIS
The circuit detects fault conditions related to the
phase and DF status and receives informations from
one of the three alternator phases. In order to prevent
spurious indications, fault warnings are not displayed
immediately but are dalayed by a fixed time.
LOAD RESPONSE CONTROL
The internal circuit regulates the soft start character-
istics (activated always at engine start) and the soft
attack characteristics.
Multiwatt 8
ORDERING NUMBER: L9407F
PRODUCT PREVIEW
CAR ALTERNATOR VOLTAGE REGULATOR


Similar Part No. - L9407F

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
L940-01V ROITHNER-L940-01V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-02V ROITHNER-L940-02V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-03V ROITHNER-L940-03V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-04V ROITHNER-L940-04V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-05V ROITHNER-L940-05V Datasheet
899Kb / 6P
Infrared LED Lamp
More results

Similar Description - L9407F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L585 STMICROELECTRONICS-L585 Datasheet
175Kb / 9P
CAR ALTERNATOR REGULATOR
Nov-1991
L9444VB STMICROELECTRONICS-L9444VB Datasheet
78Kb / 5P
ONE CHIP CAR ALTERNATOR REGULATOR
Oct-1992
L9484 STMICROELECTRONICS-L9484 Datasheet
100Kb / 8P
CAR ALTERNATOR VOLTAGE REGULATOR
Feb-2003
L9473 STMICROELECTRONICS-L9473 Datasheet
719Kb / 9P
CAR ALTERNATOR VOLTAGE REGULATOR
May-2005
L9911 STMICROELECTRONICS-L9911 Datasheet
186Kb / 15P
CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
07-Nov-2005
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
STMicroelectronics
L9466 STMICROELECTRONICS-L9466 Datasheet
183Kb / 11P
Car alternator voltage regulator
21-Oct-2008
logo
Unisonic Technologies
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
STMicroelectronics
L9911V STMICROELECTRONICS-L9911V Datasheet
319Kb / 19P
Car alternator multifunction smart voltage regulator
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com