Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9407F Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9407F
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9407F Datasheet(HTML) 2 Page - STMicroelectronics

  L9407F Datasheet HTML 1Page - STMicroelectronics L9407F Datasheet HTML 2Page - STMicroelectronics L9407F Datasheet HTML 3Page - STMicroelectronics L9407F Datasheet HTML 4Page - STMicroelectronics L9407F Datasheet HTML 5Page - STMicroelectronics L9407F Datasheet HTML 6Page - STMicroelectronics L9407F Datasheet HTML 7Page - STMicroelectronics L9407F Datasheet HTML 8Page - STMicroelectronics L9407F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
L9407F
2/11
PIN CONNECTION
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
Pin
Function
1
D+
Lamp terminal low side driver; relay terminal high side driver
2
A+
Alternator output voltage supply
3
NC
Not connected
4
DF
Field low side driver output
5
GND
Ground
6
DFM
Field monitor output
7
NC
Not connected
8
PH
Phase sense input
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage (2 min. @ 25°C) [all pins vs. GND]
24
V
Transient Supply Voltage (load dump) [see application circuit]
t<500ms
40
V
Transient Supply Voltage (low energy spikes) [see application
circuit] ISO7637-1 pulse 1,2,3 /ISO7637-3
100 (clamped at 60 by
application)
V
Tj
Junction temperature range
-40 to 170
°C
Tstg, Tcase
Storage and case temperature range
-40 to 150
°C
Ptot
Total
power Dissipation (@ Tcase = 150°C, Ifield = 5A)
8W
Reverse Voltage (see application diagram) @ 25°C, T = 15 sec
all pins, except for PH (normal working condition)
-2.5
V
DC Pin Current on DF, A+, GND (bonding limitation)
15
A
ESD Voltage MILSTD883C (All pins vs.GND)
±4
KV
12
3
4
5
6
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com