Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9407F Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9407F
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9407F Datasheet(HTML) 5 Page - STMicroelectronics

  L9407F Datasheet HTML 1Page - STMicroelectronics L9407F Datasheet HTML 2Page - STMicroelectronics L9407F Datasheet HTML 3Page - STMicroelectronics L9407F Datasheet HTML 4Page - STMicroelectronics L9407F Datasheet HTML 5Page - STMicroelectronics L9407F Datasheet HTML 6Page - STMicroelectronics L9407F Datasheet HTML 7Page - STMicroelectronics L9407F Datasheet HTML 8Page - STMicroelectronics L9407F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
L9407F
Figure 1. DF Monitor Electrical configuration
EN
Soft start enable frequency
range
Tcase = 25ºC
Tcase = -40 to150ºC
144
136
160
160
176
184
Hz
Hz
f_RESS_SS
Reset frequency range to
enable soft start
40
50
60
Hz
DISAB
Soft start enable frequency
range
Tcase = 25ºC
Tcase = -40 to150ºC
367
347
408
408
449
469
Hz
Hz
f-dfm
Output open drain switching
freq.
preexc. mode; Isink=14mA
30
400
Hz
VL-DF-
MON
Output low voltage saturation
I-sink=14mA
1.5
V
I-DF-MON
Short circuit current protection
V-DF-MON=24V field fully on
15
120
mA
Ilk-DF-
MON
Output leakage current
V-DF-MON=24V field off
0.1
mA
t-TM
Output voltage rise time
R=2.7K Ohm; C=1nF;
Valim=13.5V (Fig. 6)
0.05
50
us
t-TD
Output voltage fall time
R=2.7K Ohm; C=1nF;
Valim=13.5V (Fig. 6)
0.05
50
us
t-D
Diagnostic Alarm Delay Time
0.15
0.5
s
ELECTRICAL CHARACTERISTCS (continued)
(Tcase = -40ºC ÷ 150ºC; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
L9407F
Control
Circuit
Field driver
DFMon driver
to the ECU
R
C
Valim
Test circuit
Field
Alternator
Regulator assy
A+
DF
DF_MON



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com