Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9823 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9823
Description  Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9823 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9823 Datasheet HTML 3Page - STMicroelectronics L9823 Datasheet HTML 4Page - STMicroelectronics L9823 Datasheet HTML 5Page - STMicroelectronics L9823 Datasheet HTML 6Page - STMicroelectronics L9823 Datasheet HTML 7Page - STMicroelectronics L9823 Datasheet HTML 8Page - STMicroelectronics L9823 Datasheet HTML 9Page - STMicroelectronics L9823 Datasheet HTML 10Page - STMicroelectronics L9823 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
L9823
Output Control register structure :
Power outputs characteristics
for flyback current, outputs short circuit protection and diagnostics
For output currents flowing into the circuit the output voltages are limited. The typical value of this voltage is 50V.
This function allows that the flyback current of a inductive load recirculates into the circuit; the flyback energy is
absorbed in the chip.
Output short circuit protection SFPD = Low (dedicated for loads without inrush current): when the output current
exceeds the short circuit threshold, the corresponding output overload latch is set after a delay time tdly SCB and
the output is switched off. The delay timer is started after each rise of CSB and valid datas are transfered to the
output control register. If the short takes place after the delay time has elapsed the shutdown is immediate (with-
in 15µs).
Output short circuit protection SFPD = High (dedicated for loads with inrush current, as lamps): when the load
current would exceed the short circuit limit value, the corresponding output goes in a current regulation mode.
The output current is determined by the output characteristics and the output voltage depends on the load re-
sistance. In this mode high power is dissipated in the output transistor and its temperature increases rapidly.
When the power transistor temperature exceeds the thermal shutdown threshold, the overload latch is set and
the corresponding output switched off.
For the load diagnostic in output off condition each output features a diagnostic current sink, of typ 60µA.
FUNCTIONAL DESCRIPTION
General
The L9823 integrated circuit features 8 power low-side-driver outputs. Data is transmitted to the device using
the Serial Peripheral Interface = SPI protocol. The power outputs features voltage clamping function for flyback
current recirculation and are protected against short circuit to Vbat.
The diagnostics recognizes two outputs fault conditions: 1) overcurrent and thermal overload in switch-ON con-
dition and 2) open load or short to GND in switch-OFF condition for all outputs. The outputs status can be read
out via the serial interface.
The chip internal Reset is a OR function of the external Reset signal and internally generated undervoltage Re-
set signal.
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
MSB
LSB
Control-bit output 7
Control-bit output 6
Control-bit output 5
Control-bit output 4
Control-bit output 3
Control-bit output 2
Control-bit output 1
Control-bit output 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com