Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9823 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9823
Description  Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9823 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9823 Datasheet HTML 4Page - STMicroelectronics L9823 Datasheet HTML 5Page - STMicroelectronics L9823 Datasheet HTML 6Page - STMicroelectronics L9823 Datasheet HTML 7Page - STMicroelectronics L9823 Datasheet HTML 8Page - STMicroelectronics L9823 Datasheet HTML 9Page - STMicroelectronics L9823 Datasheet HTML 10Page - STMicroelectronics L9823 Datasheet HTML 11Page - STMicroelectronics L9823 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
L9823
10/12
APPLICATIONS INFORMATION
The typical application diagram for parallel Input SPI control is shown in Figure 4.
Figure 4. Typical Application Circuit Diagram for the L9823 Circuit.
For higher current driving capability more outputs of the same kind can be paralleled. In this case the maximum
flyback energy should not exceed the limit value for single output.
The immunity of the circuit with respect to the transients at the output is verified during the characterization for
Test Pulses 1, 2 and 3a, 3b, DIN40839 or ISO7637 part 3. The Test Pulses are coupled to the outputs with
200pF series capacitor. The correct function of the circuit with the Test Pulses coupled to the outputs is verified
during the characterization for the typical application with R = 16
Ω to 200Ω, L= 0 to 600mH loads. All outputs
withstand testpulses without damage.
BAT
V
R, L loads
µP
U459
VOLTAGE
REGULATOR
DD
V
U459
Diag1
Q1
CSB
SI
SCLK
SO
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
GND
Diag0
Diag7
Reset
Q0
CH0
OT0
Diag6
Q6
Q0
Q7
Diag2
Q2
CH3
CH4
CH5
CH1
Diag3
Q3
Diag4
Q4
Diag5
Q5
Q7
CH7
Diag7
Reset
Reset
Undervoltage
RESET
Q1
Q2
Q3
Q4
Q5
Q6
Diag1
Diag2
Diag3
Diag4
Diag5
Diag6
IOL
24
23
14
13
12
11
2
1
22
9
4
3
10
5 -8
17 - 20
Over
Temperature
Detect
+
-
+
-
=
=
+
-
Gate
Control
OL0
CH2
CH7
SFPD
15
VDG
Diag0
16
VDD
ISCB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com