Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9823 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9823
Description  Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9823 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9823 Datasheet HTML 4Page - STMicroelectronics L9823 Datasheet HTML 5Page - STMicroelectronics L9823 Datasheet HTML 6Page - STMicroelectronics L9823 Datasheet HTML 7Page - STMicroelectronics L9823 Datasheet HTML 8Page - STMicroelectronics L9823 Datasheet HTML 9Page - STMicroelectronics L9823 Datasheet HTML 10Page - STMicroelectronics L9823 Datasheet HTML 11Page - STMicroelectronics L9823 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
L9823
8/12
Output Stages Control
Each output is controlled with its latch and with a common Reset line, which enables all outputs.
The control data are transmitted via the SI input, the timing of the serial interface is shown in Fig. 1.
The device is selected with low CSB signal and the input data are transferred into the 8 bit shift register at every
falling SCLK edge. The rising edge of the CSB latches the new data from the shift register to the drivers.
Figure 1. Timing of the Serial Interface
The SPI register data are transferred to the output latch at rising CSB edge. The digital filter between CSB and
the output latch ensures that the data are transferred only after 8 SCLK cycles or multiple of 8 SCLK cycles
since the last CSB falling edge. The CSB changes only at low SCLK.
Diagnostics
The output voltage at all outputs is compared with the diagnostic threshold, typ 0,55
• VDD = VDG.
Diagnostic Table for outputs:
Fault condition 1) "output short circuit to Vbat" : For SFPD = Low the output was switched on and the voltage at
the output exceeded the diagnostics threshold due to overcurrent, the output overload latch was set and the
output has been switched off. The diagnostic bit is high.
: For SFPD = High the output was switched on and the voltage at the output exceeds the diagnostics threshold.
The output operates in current regulation mode or has been switched off due to thermal shutdown. The status
bit is high.
Fault condition 2) "open load" or "output short circuit to GND" : the output is switched off and the voltage at the
output drops below the diagnostics threshold, because the load current is lower than the output diagnostic cur-
rent source, the load is interrupted. The diagnostic bit is low.
At the falling edge of CSB the output status data are transferred to the shift register. When SCB is low, data bits
contained in the shift register are transferred to SO output at every rising SCLK edge.
Output
Output-voltage
Status-bit
Output-mode
off
> DG-threshold
high
correct operation
off
< DG-threshold
low
fault condition 2)
on
< DG-threshold
low
correct operation
on
> DG-threshold
high
fault condition 1)
CSB
SCLK
SI
SO
tsclch
thclcl
tclh
tcll
tsclcl
thclch
tcsdv
tpcld
tpchdz
not defined
D7
D0
tscld
thcld
D7
D6
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com