Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9823 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9823
Description  Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9823 Datasheet(HTML) 1 Page - STMicroelectronics

  L9823 Datasheet HTML 1Page - STMicroelectronics L9823 Datasheet HTML 2Page - STMicroelectronics L9823 Datasheet HTML 3Page - STMicroelectronics L9823 Datasheet HTML 4Page - STMicroelectronics L9823 Datasheet HTML 5Page - STMicroelectronics L9823 Datasheet HTML 6Page - STMicroelectronics L9823 Datasheet HTML 7Page - STMicroelectronics L9823 Datasheet HTML 8Page - STMicroelectronics L9823 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
L9823
April 2003
s
OUTPUTS CURRENT CAPABILITY UP TO
0.5A
s
CASCADABLE SPI CONTROL FOR
OUTPUTS
s
RESET FUNCTION WITH RESET SIGNAL OR
UNDERVOLTAGE AT VDD
s
PROGRAMMABLE INTRINSIC OUTPUT
VOLTAGE CLAMPING AT TYP. 50V FOR
INDUCTIVE SWITCHING
s
OVERCURRENT SHUTDOWN WITH LATCH-
OFF FOR EVERY WRITE CYCLE (SFPD = LOW)
s
INDEPENDENT THERMAL SHUTDOWN OF
OUTPUTS (SOA PROTECTION)
s
OUTPUT STATUS DATA AVAILABLE ON THE
SPI USING 8-BIT I/O PROTOCOL UP TO 3.0MHZ
s
LOW STANDBY CURRENT WITH RESET =
LOW (TYP 35µA @ VDD)
s
OPEN LOAD DETECTION (OUTPUTS OFF)
s
SINGLE VDD LOGIC SUPPLY
s
HIGH EMS IMMUNITY AND LOW EME
(CONTROLLED OUTPUT SLOPES)
s
FULL FUNCTIONALITY OF THE REMAINING
DEVICE AT NEGATIVE VOLTAGE DROP ON
OUTPUTS (-1,5V OR -3,0A)
s
OUTPUT MODE PROGRAMMABLE FOR
SUSTAINED CURRENT LIMIT OR
SHUTDOWN
DESCRIPTION
L9823 is a Octal Low-Side Driver Circuit, dedicated
for automotive applications. Output voltage clamping
is provided for flyback current recirculation, when in-
ductive loads are driven. Chip Select and cascadable
Serial 8-bit Interface for outputs control and diagnos-
tic data transfer.
SO24 (20+2+2)
ORDERING NUMBER: L9823
Octal Low-Side Driver for bulb, resistive and inductive loads with
serial input control, output protection and diagnostic
BLOCK DIAGRAM
Diag1
Q1
CSB
SI
SCLK
SO
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
GND
Diag0
Diag7
Reset
Q0
CH0
OT0
Diag6
Q6
Q0
Q7
Diag2
Q2
CH3
CH4
CH5
CH1
Diag3
Q3
Diag4
Q4
Diag5
Q5
Q7
CH7
Diag7
Reset
Reset
Undervoltage
RESET
Q1
Q2
Q3
Q4
Q5
Q6
Diag1
Diag2
Diag3
Diag4
Diag5
Diag6
IOL
24
23
14
13
12
11
2
1
22
9
4
3
10
5 -8
17 - 20
Over
Temperature
Detect
+
-
+
-
=
=
+
-
Gate
Control
OL0
CH2
CH7
SFPD
15
VDG
Diag0
16
VDD
ISCB0


Similar Part No. - L9823

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9823 STMICROELECTRONICS-L9823 Datasheet
383Kb / 19P
Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
19-Sep-2013
More results

Similar Description - L9823

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9825 STMICROELECTRONICS-L9825 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Jul-2001
L9826 STMICROELECTRONICS-L9826 Datasheet
174Kb / 12P
Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
Oct-2002
L9825 STMICROELECTRONICS-L9825_03 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
L9826 STMICROELECTRONICS-L9826_05 Datasheet
246Kb / 17P
Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
Jul-2005
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
269Kb / 19P
Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
13-Apr-2011
L9825TR STMICROELECTRONICS-L9825TR Datasheet
228Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
E-L9823013TR STMICROELECTRONICS-E-L9823013TR Datasheet
383Kb / 19P
Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
19-Sep-2013
logo
Infineon Technologies A...
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTS5200-4EKA INFINEON-BTS5200-4EKA Datasheet
2Mb / 49P
Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-02-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com