Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9823 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9823
Description  Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9823 Datasheet(HTML) 5 Page - STMicroelectronics

  L9823 Datasheet HTML 1Page - STMicroelectronics L9823 Datasheet HTML 2Page - STMicroelectronics L9823 Datasheet HTML 3Page - STMicroelectronics L9823 Datasheet HTML 4Page - STMicroelectronics L9823 Datasheet HTML 5Page - STMicroelectronics L9823 Datasheet HTML 6Page - STMicroelectronics L9823 Datasheet HTML 7Page - STMicroelectronics L9823 Datasheet HTML 8Page - STMicroelectronics L9823 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
L9823
IIN
Input current
VIN = VDD
-10
10
µA
RIN
Pullup resistance
(CSB, SI)
Pulldown resistance
(SFPD, Reset, SCLK)
50
250
k
Ω
CIN
Input capacitance
10
pF
Serial data outputs
VSOH
High output level
ISO = -4mA
VDD -0.4
V
VSOL
Low output level
ISO = 3,2mA
0.4
V
ISOL
Tristate leakage current
CSB = high; 0V
≤ VSO ≤ VDD
-10
10
µA
CSO
Output capacitance
fSO = 300kHz, 0V ≤ VSO ≤ VDD
20
pF
Outputs OUT 0 ... 7
IOUTL0 - 7 Leakage current
OUTx = OFF; VOUTx = 16V;
VDD ≤ VDD RES and / or Reset = Low
Tj
≤ 85°C
-10
<1
µA
10
µA
VOUT
clamp
Output clamp voltage
2mA
≤ IOUT clamp ≤ IOUT LIM
IOUT test = 20mA with correlation
45
60
V
RDSon
On resistance OUT 0 ... 7
IOUT = 500mA;Tj = +150°C
Tj = +25°C
1
0.8
1.5
1.25
Ω
Ω
COUT
Output capacitance
VOUT = 16V; f = 1MHz
300
pF
Outputs short circuit protection
ISCB
Overcurrent shutoff threshold
SFPD = Low, VOUT ≥ VDG
0.5
1.6
2.5
A
IOUT LIM
Short circuit current limitation
0.5
1.6
2.5
A
tdly SCB
Short circuit shutdown delay
SFPD = Low, VOUT ≥ VDG
CSB = 50% to
IOUT ≤ 1/2 IOUT LIM
70
150
250
µs
Diagnostics
VDG
Diagnostic threshold voltage
0.5·VDD
0.55·V
DD
0.6·VDD
V
IOUT OL
Open load detection sink current
Vout = VDG
Output programmed OFF
30
60
100
µA
tdly SFPD
Diagnostic detection filter time
SFPD = Low, VOUT ≥ VDG
CSB = 50% to
valid data at SO
70
150
250
µs
Outputs timing
tdon
Turn ON delay
CSB = 50% to RL = 50Ω
VOUT = 0,9Vbat, Vbat = 16V
20
µs
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com