Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9823 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9823
Description  Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9823 Datasheet(HTML) 3 Page - STMicroelectronics

  L9823 Datasheet HTML 1Page - STMicroelectronics L9823 Datasheet HTML 2Page - STMicroelectronics L9823 Datasheet HTML 3Page - STMicroelectronics L9823 Datasheet HTML 4Page - STMicroelectronics L9823 Datasheet HTML 5Page - STMicroelectronics L9823 Datasheet HTML 6Page - STMicroelectronics L9823 Datasheet HTML 7Page - STMicroelectronics L9823 Datasheet HTML 8Page - STMicroelectronics L9823 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
L9823
ABSOLUTE MAXIMUM RATINGS
For voltages and currents applied externally to the device. Exceeding limits may cause damage to the device
.
14
Out 2
Output 2
15
SFPD
SFPD. The Short Fault Protect Disable (SFPD) pin is used to disable the overcurrent latch-OFF.
This feature allows control of incandescent loads where in-rush currents exceed the device's
analog current limits. Essentially the SFPD pin determines whether the L9823 output(s) will
instantly shutdown upon sensing an output short or remain ON in a current limiting mode of
operation until the output short is removed or thermal shutdown is reached. If the SFPD pin is
tied to VDD the L9823 output(s) will remain ON in a current limited mode of operation upon
encountering a load short to supply. If the SFPD pin is grounded, a short circuit will immediately
shutdown only the output affected. Other outputs not having a fault condition will operate
normally.
16
VDD
VDD
17
GND
GND
18
GND
GND
19
GND
GND
20
GND
GND
21
NC
Not Connected
22
Reset
Reset. The Reset pin is active low and used to clear the SPI shift register and in doing so sets all
output switches OFF. With the device in a system with an MCU; upon initial system power up,
the MCU holds the Reset pin of the device in a logic low state ensuring all outputs to be OFF
until the VDD pin voltages are adequate for predictable operation. After the L9823 is Reset, the
MCU is ready to assert system control with all output switches initially OFF. The Reset pin is
active low and has an internal pull-down incorporated to ensure operational predictability
should the external pull-down of the MCU open circuit. The internal pull-up is to afford safe and
easy interfacing to the MCU. The Reset pin of the L9823 should be pulled to a logic low state for
a duration of at least 160ns to ensure reliable Reset.
23
Out 1
Output 1
24
Out 0
Output 0
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.3 to 7
V
Inputs and data lines
(CSB, SCLK, SI, Reset, SFPD, SO)
VIN
Voltage
(CSB, SCLK, SI, Reset, SFPD)
-0.3 to 7
VSDO
Voltage (SO)
-0.3 to VDD+0.3
V
IIN
Protection diodes current 1) T
≤ 1ms
-20 to 20 1)
mA
Outputs (Out0 ... Out7)
VOUT Cont
Continuous output voltage
-1.5 to 45
V
N°
Pin
Description
PIN FUNCTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com