Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9823 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9823
Description  Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9823 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9823 Datasheet HTML 2Page - STMicroelectronics L9823 Datasheet HTML 3Page - STMicroelectronics L9823 Datasheet HTML 4Page - STMicroelectronics L9823 Datasheet HTML 5Page - STMicroelectronics L9823 Datasheet HTML 6Page - STMicroelectronics L9823 Datasheet HTML 7Page - STMicroelectronics L9823 Datasheet HTML 8Page - STMicroelectronics L9823 Datasheet HTML 9Page - STMicroelectronics L9823 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
L9823
6/12
Outputs Control Tables :
tdoff
Turn OFF delay
CSB = 50% to RL = 50Ω
VOUT = 0,1·Vbat, Vbat = 16V
20
µs
dVon/dt
Turn ON voltage slew-rate
90% to 30% of Vbat;
RL = 50Ω; Vbat = 16V
0.7
2.1
3.5
V/µs
dVoff/dt
Turn OFF voltage slew-rate
30% to 90% of Vbat;
RL = 50Ω; Vbat = 16V
0.7
2.1
3.5
V/µs
dVoff
clamp/dt
Turn OFF voltage clamp slew-rate 30% to 80% of VOUT clamp
RL = 500Ω
0.7
2.1
5.5
V/µs
Serial diagnostic link (Load capacitor at SO = 200pF)
fsclk
Clock frequency
50% duty cycle
3
MHz
tclh
Minimum time SCLK = HIGH
160
ns
tcll
Minimum time SCLK = LOW
160
ns
tpcld
Propagation delay
SCLK to data at SO valid
4.9V
≤ VDD ≤ 5.1V
100
ns
tcsdv
CSB = LOW to data at SO active
100
ns
tsclch
SCLK low before CSB low
Setup time SCLK to CSB change
H/L
100
ns
thclcl
SCLK change L/H after CSB =
Low
Setup time CSB to SCLK change
L/H
100
ns
tscld
SI input setup time
SCLK change H/L after SI data
valid
20
ns
thcld
SI input hold time
SI data hold after SCLK change
H/L
20
ns
tsclcl
SCLK low before CSB high
150
ns
thclch
SCLK high after CSB high
15,
ns
tpchdz
CSB L/H to output data float
100
ns
tReset
Minimum Reset time Reset = Low
160
ns
Outputs:
SI-bit
0
1
Output
on
off
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com