Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA8917 Datasheet(PDF) 11 Page - RAIO Technology Inc.

Part # RA8917
Description  8-Bit Micro-Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8917 Datasheet(HTML) 11 Page - RAIO Technology Inc.

Back Button RA8917 Datasheet HTML 3Page - RAIO Technology Inc. RA8917 Datasheet HTML 4Page - RAIO Technology Inc. RA8917 Datasheet HTML 5Page - RAIO Technology Inc. RA8917 Datasheet HTML 6Page - RAIO Technology Inc. RA8917 Datasheet HTML 7Page - RAIO Technology Inc. RA8917 Datasheet HTML 8Page - RAIO Technology Inc. RA8917 Datasheet HTML 9Page - RAIO Technology Inc. RA8917 Datasheet HTML 10Page - RAIO Technology Inc. RA8917 Datasheet HTML 11Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Version 1.0
8-Bit Micro-Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
11/11
RA8917
Application
The following Block diagram is the basic application circuit of RA8917. We also give three examples on the user
manual of RICE-2000 to let users have more understanding of RA8917 and the develop environment of
RICE-2000, and then start to proceed program designing and product developing. The examples have one simple
I/O control and two speech samples. Please refer to the user manual of RICE-2000 if you needed.
Application Field
Simple I/O
Controller
General Propose Controller
Speech Controller
Internet Download (Speech/Voice Toy, Sound Book, Voice-Prompted Controller...)
Low-Grade
Product
LCD Game, Calculator, Calendar,
Internet Download (educational toy or household appliance…)
High-Grade
Product
SMS Controller, Low-end PDA Controller and Internet Download Device Function
External
Flash
LCD
Panel
PWM O/P
A[13:0],BK[11:0]
D[7:0]
FL_CE#
FL_WE#
FL_OE#
Options
xxMHz
Display/LED
Button/Key Matrix
External
ROM/RAM
LCD
Controller
PT1_[7:0]
PT2_[7:0]
OSC2_XA
OSC2_XB
SW[3:1]
TXD
RXD
To PC
RS232
VCC
SPK.
AIN1
AIN0
IOUT
RS232
PT2_[2:0]
PT3_[1:0]
PT2_[7:6]
PT3_[3:2]
RA8917
LCM
Analog input
PT4_[7:0]
LED
AIN2
AIN3
EDO RAM
External
PT3_[7:4]
D[3:0]
A[11:0]
32768Hz
OSC1_XA
OSC1_XB
PT3_[7:0]
COM
Analog Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com