Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA8917 Datasheet(PDF) 6 Page - RAIO Technology Inc.

Part # RA8917
Description  8-Bit Micro-Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8917 Datasheet(HTML) 6 Page - RAIO Technology Inc.

Back Button RA8917 Datasheet HTML 2Page - RAIO Technology Inc. RA8917 Datasheet HTML 3Page - RAIO Technology Inc. RA8917 Datasheet HTML 4Page - RAIO Technology Inc. RA8917 Datasheet HTML 5Page - RAIO Technology Inc. RA8917 Datasheet HTML 6Page - RAIO Technology Inc. RA8917 Datasheet HTML 7Page - RAIO Technology Inc. RA8917 Datasheet HTML 8Page - RAIO Technology Inc. RA8917 Datasheet HTML 9Page - RAIO Technology Inc. RA8917 Datasheet HTML 10Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Version 1.0
8-Bit Micro-Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
6/11
RA8917
Package (PQFP-128Pin)
RAiO
RA8917
TM
03XX
1
5
10
15
20
25
30
35
38
64
60
55
50
45
40
39
AGND
IOUT
AVDD
NC
VEXT
NC
SW3
SW2
SW1
COM
NC
PT1_1
PT1_0
BK7
BK6
BK5
BK4
BK3
BK2
BK1
BK0
ROM_OE#
ROM_CE#
NC
VDD
VDDP
GNDP
NC
VDDP
NC
GNDP
PT2_7
PT2_6
VDDP
NC
PT2_5
PT2_4
PT2_3
PT2_2
PT2_1
PT2_0
PT3_3
PT3_2
PT3_1
PT3_0
VDD
NC
A13
A12
A11
A10
A9
Double
Bonding
Date Code (西元2003年)
102
100
95
90
85
80
75
70
65
103
105
110
115
120
125
128
58
57
56
55/54
53/52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
PAD Number
PIN Number
Pin Description
Signal
I/O
Description
RESET#
IN
External Hardware Reset, active low.
This pin is used to reset the system.
BREAK#
IN
User Program Break, active low.
This signal is used to break the user’s program from the ISD mode.
MONITOR#
IN
Monitor Program Select, active low.
This signal is used to select the system boot from monitor program (ROM) or
user program (Flash). This signal has to pull low when the user wants to
download the data from PC or enter the ISP/ISD mode.
Note: Couldn’t be floating.
PT1_[7:0]
I/O
Bit[7:0] of Port 1
These are programmable pins for general-purpose I/O Port 1. The driving
current and pull-high or pull-low can be selected by user register.
PT2_7
PWM1
I/O
Bit-7 of Port 2
This is a programmable pin for general-purpose I/O Port 2. The driving current
and pull-high or pull-low can be selected by user register.
The PT2_7 is also as the output of PWM1. In PWM mode, the pin is always
output and 72mA-driving current is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com