Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA8917 Datasheet(PDF) 7 Page - RAIO Technology Inc.

Part # RA8917
Description  8-Bit Micro-Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8917 Datasheet(HTML) 7 Page - RAIO Technology Inc.

Back Button RA8917 Datasheet HTML 3Page - RAIO Technology Inc. RA8917 Datasheet HTML 4Page - RAIO Technology Inc. RA8917 Datasheet HTML 5Page - RAIO Technology Inc. RA8917 Datasheet HTML 6Page - RAIO Technology Inc. RA8917 Datasheet HTML 7Page - RAIO Technology Inc. RA8917 Datasheet HTML 8Page - RAIO Technology Inc. RA8917 Datasheet HTML 9Page - RAIO Technology Inc. RA8917 Datasheet HTML 10Page - RAIO Technology Inc. RA8917 Datasheet HTML 11Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Version 1.0
8-Bit Micro-Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
7/11
RA8917
PT2_6
PWM2
I/O
Bit-6 of Port 2
This is a programmable pin for general-purpose I/O Port 2. The driving current
and pull-high or pull-low can be selected by user register.
The PT2_6 is also as the output of PWM2. In PWM mode, the pin is always
output and 72mA-driving current is selected.
PT2_5
EXP_WR#
I/O
Bit-5 of Port 2
This is a programmable pin for general-purpose I/O Port 2. The driving current
and pull-high or pull-low can be selected by user register.
The PT2_5 is also as the write control of register $101E. If the write register
$101F enabled, the pin is always output except the power saving mode.
PT2_4
FL_CE2#
I/O
Bit-4 of Port 2
This is a programmable pin for general-purpose I/O Port 2. The driving current
and pull-high or pull-low can be selected by user register.
The PT2_4 is also as the secondary external flash chip select. If the secondary
flash is enabled, the pin is always output except the power saving mode.
PT2_3
LVD_#
I/O
Bit-3 of Port 2
This is a programmable pin for general-purpose I/O Port 2. The driving current
and pull-high or pull-low can be selected by user register.
The PT2_3 is also as the output of LVD. If the LVD enabled, the pin is always
output except the power saving mode.
PT2_2
MEM_WE#
I/O
Bit-2 of Port 2
This is a programmable pin for general-purpose I/O Port 2. The driving current
and pull-high or pull-low can be selected by user register.
The PT2_2 is also as the external memory write enable. If the external memory
enabled, the pin is always output except the power saving mode. If
REG[1032h] bit6 is set as 1, and then MEM_WE# and FL_WE# can be jointly
used.
PT2_1
MEM_OE#
I/O
Bit-1 of Port 2
This is a programmable pin for general-purpose I/O Port 2. The driving current
and pull-high or pull-low can be selected by user register.
The PT2_1 is also as the external memory output enabling. If the external
memory enabled, the pin is always output except the power saving mode. If
REG[1032h] bit6 is set as 1, and then MEM_OE# and FL_OE# can be jointly
used.
PT2_0
MEM_CE#
I/O
Bit-0 of Port 2
This is a programmable pin for general-purpose I/O Port 2. The driving current
and pull-high or pull-low can be selected by user register.
The PT2_0 is also as the external memory chip selecting. If the external
memory enabled, the pin is always output except the power saving mode.
PT3_7
EDO_OE#
I/O
Bit-7 of Port 3
This is a programmable pin for general-purpose I/O Port 3. The driving current
and pull-high or pull-low can be selected by user register.
The PT3_7 is also as the EDO RAM data output enable.
PT3_6
EDO_WE#
I/O
Bit-6 of Port 3
This is a programmable pin for general-purpose I/O Port 3. The driving current
and pull-high or pull-low can be selected by user register.
The PT3_6 is also as the EDO RAM Read/Write input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com