Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA8917 Datasheet(PDF) 2 Page - RAIO Technology Inc.

Part # RA8917
Description  8-Bit Micro-Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8917 Datasheet(HTML) 2 Page - RAIO Technology Inc.

  RA8917 Datasheet HTML 1Page - RAIO Technology Inc. RA8917 Datasheet HTML 2Page - RAIO Technology Inc. RA8917 Datasheet HTML 3Page - RAIO Technology Inc. RA8917 Datasheet HTML 4Page - RAIO Technology Inc. RA8917 Datasheet HTML 5Page - RAIO Technology Inc. RA8917 Datasheet HTML 6Page - RAIO Technology Inc. RA8917 Datasheet HTML 7Page - RAIO Technology Inc. RA8917 Datasheet HTML 8Page - RAIO Technology Inc. RA8917 Datasheet HTML 9Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Version 1.0
8-Bit Micro-Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
2/11
RA8917
Overview
RA8917 is an 8-bit downloadable micro-controller.
Up to 22MHz system clock makes it a perfect choice for
high-end device.
It contains a 16x16 Multiplier and Accumulator (MAC), which not only greatly reduce
programmer’s effort, but also shorten development time.
RA8917 is embedded 4-channel 12-Bit ADC that
can vary your application fields in analog detection, such as temperature, pressure, humidity, etc.
Moreover,
matched with LCM (LCD Module), 12-bit ADC can be perfectly used in Touch Panel function.
RA8917 is suitable for any downloadable device no matter used by end-users for voice/data download, or
used by programmers for S/W program updated.
The built-in 8K-byte ROM supports the on-chip RAiO ICE
Monitor program, ISP(In-System Programming) and ISD(In-System Debugging), which controls the UART
and enables the RS232 connection between the RA8917 and a PC host.
Besides that, IrDA application is
also allowed to give the device multiple attractive characteristics.
In short, RA8917 supports embedded 4K-byte SRAM, three I/O ports, LCD interface, built in PLL / RC
Oscillator, LVD, multiple timer/counter sources, versatile interrupt-handling architecture, built-in one DAC
(Digital-to-Analog Converters), 16x16 Multiplier and Accumulator (MAC), 4-channel 12-Bit ADC and support
three EDO DRAM (Extended Data Out) interface configuration: one 4Mx4bit chip, two 4Mx4 chips and one
8Mx8 chip.
Feature
8-bit Micro Processor for Maximum 22MHz
Support 3 EDO DRAM Interface configuration
1. External one 4Mx4bit chip
2. External two 4Mx4bit chips
3. External one 8Mx8bit chip
Internal 4K-Byte SRAM
Support External ROM/RAM/Flash Interface
Flexible
External
Flash
Support,
Up
to
128MByte
Flexible I/O Interrupt & Wake-Up Mode
Support Wake-Up Reset Mode
Support LVD(Low Voltage Detector)
Support External Memory Interface
Support LCD Interface
Support PWM Output with 50% or 100% duty
select
Four 8-Bits Programmable I/O Port
Three 12-Bits Timer
Six Time-Base Options
Watch Dog Timer
One 3 -Level 10-bits Fixed Current Mode DAC
Support 4-channel 12-bit ADC with Touch
Panel Function
One User’s UART with Baud Rate Generator,
Up to 115200bps
UART Provide Normal, IrDA/ASK IR Mode
Support UART Wakeup
Support Idle/Sleep/Power Saving Mode
Support Timer Wake-Up Mode
Support H/W 16x16 Multiplier with Adder
Option
1Hz, 2Hz and 1/60Hz Interrupt/Wake up
Support Interrupt Vector & Priority
Built in two Independent Oscillator; Low Speed
(32768Hz) and High Speed (From 1.84MHz to
22.1MHz)
Low Power Consumption
Operating Voltage: 2.2V ~ 4.5V
Package: Die Form or PQFP-128Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com