Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA8917 Datasheet(PDF) 3 Page - RAIO Technology Inc.

Part # RA8917
Description  8-Bit Micro-Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8917 Datasheet(HTML) 3 Page - RAIO Technology Inc.

  RA8917 Datasheet HTML 1Page - RAIO Technology Inc. RA8917 Datasheet HTML 2Page - RAIO Technology Inc. RA8917 Datasheet HTML 3Page - RAIO Technology Inc. RA8917 Datasheet HTML 4Page - RAIO Technology Inc. RA8917 Datasheet HTML 5Page - RAIO Technology Inc. RA8917 Datasheet HTML 6Page - RAIO Technology Inc. RA8917 Datasheet HTML 7Page - RAIO Technology Inc. RA8917 Datasheet HTML 8Page - RAIO Technology Inc. RA8917 Datasheet HTML 9Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Version 1.0
8-Bit Micro-Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
3/11
RA8917
Block Diagram
A[13:0]
BK[11:0]
FL_CE#
FL_WE#
FL_OE#
D[7:0]
SW[3:1]
COM
IOUT
AIN[3:0]
PT1_[7:0]
PT3_[7:0]
PT4_[7:0]
PT2_[7:0]
EDO_OE#
EDO_WE#
CAS#
RAS#
OSC1_XA
OSC1_XB
TYPE
RESET#
OSC2_XA
OSC2_XB
CKS[2:0]
VEXT
MONITOR#
BREAK#
RXD
TXD
8-Bit CPU
Core
4K-Byte
SRAM
Ext. Memory
Interface
User I/O x 24
DAC
OSC1(32768Hz)
Control
Logic
System
Interface
User I/O x 8
(LCD Decoder, LVD)
System
UART
User UART
System
Register
User Register
Timer x 3
Timer Base x 3
Watch Dog
LVD
PWM
System
ROM/RAM
ISP/ISD
Power Saving
& Wake-Up
4-Ch ADC
16x16
Multiplier
OSC2
Analog SW
EDO RAM
Interface
PAD Diagram
RA8917
Logo
Pad Number
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
GNDP
VDDP
GNDP
PT2_7A
PT2_7B
PT2_6A
PT2_6B
VDDP
PT2_5
PT2_4
PT2_3
PT2_2
PT2_1
PT2_0
PT3_3
PT3_2
PT3_1
PT3_0
VDD
A13
A12
A11
A10
A9
AGND
IOUT
AVDD
VEXT
SW3
SW2
SW1
COM
PT1_1
PT1_0
BK7
BK6
BK5
BK4
BK3
BK2
BK1
BK0
ROM_OE#
ROM_CE#
VDD
VDDP
8-Bit e-MCU
Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com