Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA8917 Datasheet(PDF) 8 Page - RAIO Technology Inc.

Part # RA8917
Description  8-Bit Micro-Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8917 Datasheet(HTML) 8 Page - RAIO Technology Inc.

Back Button RA8917 Datasheet HTML 3Page - RAIO Technology Inc. RA8917 Datasheet HTML 4Page - RAIO Technology Inc. RA8917 Datasheet HTML 5Page - RAIO Technology Inc. RA8917 Datasheet HTML 6Page - RAIO Technology Inc. RA8917 Datasheet HTML 7Page - RAIO Technology Inc. RA8917 Datasheet HTML 8Page - RAIO Technology Inc. RA8917 Datasheet HTML 9Page - RAIO Technology Inc. RA8917 Datasheet HTML 10Page - RAIO Technology Inc. RA8917 Datasheet HTML 11Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Version 1.0
8-Bit Micro-Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
8/11
RA8917
PT3_5
CAS#
I/O
Bit-5 of Port 3
This is a programmable pin for general-purpose I/O Port 3. The driving current
and pull-high or pull-low can be selected by user register.
The PT3_5 is also as the EDO RAM Column Address Strobe.
PT3_4
RAS#
I/O
Bit-4 of Port 3
This is a programmable pin for general-purpose I/O Port 3. The driving current
and pull-high or pull-low can be selected by user register.
The PT3_4 is also as the EDO RAM Row Address Strobe.
PT3_3
TX
I/O
Bit-3 of Port 3
The PT3_3 is also as the transmission output of user’s UART. In UART mode,
the pin is always output except the power saving mode.
PT3_2
RX
I/O
Bit-2 of Port 3
The PT3_2 is also as the receive input of user’s UART. In UART mode, the pin
is always input.
PT3_1
LCD_E
I/O
Bit-1 of Port 3
The PT3_1 is also as the chip enable of external LCD controller. If the external
LCD enabled, the pin is always output except the power saving mode.
PT3_0
LCD_RW
I/O
Bit-0 of Port 3
The PT3_0 is also as the read/write signal of external LCD controller. If the
external LCD enabled, the pin is always output except the power saving mode.
PT4_[7:0]
I/O
Bit 7~0 of Port 4
This is a programmable pin for general-purpose I/O Port 4. The driving current
and pull-high or pull-low can be selected by user register.
IOUT
OUT
DAC Current Output
This pin is the current output of DAC.
AIN[3:0]
IN
ADC Analog Input
These pins are the analog input of 12-bit ADC for 4-channel.
ADC Mode
Touch Panel Mode
AIN0
X1
AIN1
X2
AIN2
Y1
AIN3
Y2
SW[3:1]
OUT
Analog switch [3~1]
COM
IN
Common input voltage of switch [3~1]
A[13:0]
OUT
14-bit Address Bus.
These signal are used for external memory address bus.
D[7:0]
I/O
8-bit Data Bus.
These signal are used for external memory data bus.
FL_CE#
OUT
Flash Chip Select, active low.
This signal is used for external flash.
FL_WE#
OUT
Flash Write Enable, active low.
This signal is used for external flash.
If REG[1032h] bit6 is set as 1, and then FL_WE# and MEM_WE can be jointly
used.
FL_OE#
OUT
Flash Output Enable, active low.
This signal is used for external flash.
If REG[1032h] bit6 is set as 1,and then FL_OE# and MEM_OE# can be jointly
used.
BK[11:0]
OUT
Bank Bus.
Register FBANK[1030h], [105Ah] and Ext_SBANK [103Fh], [105Bh] jointly use
Bank[11:0] Bus as the output of memory bank register.
Normally, they are
connected to the higher address of external Flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com